Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4924A Arkusz danych(PDF) 1 Page - Digitron Semiconductors

Numer części 1N4924A
Szczegółowy opis  19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIGITRON [Digitron Semiconductors]
Strona internetowa  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4924A Arkusz danych(HTML) 1 Page - Digitron Semiconductors

  1N4924A Datasheet HTML 1Page - Digitron Semiconductors 1N4924A Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4916(A)-1N4932(A)
19.2 VOLT LOW NOISE TEMPERATURE
COMPENSATED ZENER REFERENCE DIODES
MAXIMUM RATINGS
Characteristics
Values
Junction and storage temperatures
-65 to +175°C
DC power dissipation
500mW @ 50°C
Power derating
4 mW/°C above 50°C
IR = 15µA @ 25°C and VR = 12V
ELECTRICAL CHARACTERISTICS
Test current
Maximum
voltage change
with
temperature
Effective
temperature
coefficient
Maximum
dynamic
impedance
Maximum
noise density
IZT
ΔVZT
αVZ
ZZT
Note 1
Note 2
Temperature
range
Note 3
Note 4
ND
Part number
mA
Volts
°C
±%/°C
Ohms
µV/√Hz
1N4916
0.5
0.144
25 to +100
0.01
600
1.0
1N4916A
0.5
0.298
-55 to +100
0.01
600
1.0
1N4917
0.5
0.072
25 to +100
0.005
600
1.0
1N4917A
0.5
0.149
-55 to +100
0.005
600
1.0
1N4918
0.5
0.029
25 to +100
0.002
600
1.0
1N4918A
0.5
0.060
-55 to +100
0.002
600
1.0
1N4919
1.0
0.144
25 to +100
0.01
300
0.5
1N4919A
1.0
0.298
-55 to +100
0.01
300
0.5
1N4920
1.0
0.072
25 to +100
0.005
300
0.5
1N4920A
1.0
0.149
-55 to +100
0.005
300
0.5
1N4921
1.0
0.029
25 to +100
0.002
300
0.5
1N4921A
1.0
0.060
-55 to +100
0.002
300
0.5
1N4922
2.0
0.144
25 to +100
0.01
150
0.25
1N4922A
2.0
0.298
-55 to +100
0.01
150
0.25
1N4923
2.0
0.072
25 to +100
0.005
150
0.25
1N4923A
2.0
0.149
-55 to +100
0.005
150
0.25
1N4924
2.0
0.029
25 to +100
0.002
150
0.25
1N4924A
2.0
0.060
-55 to +100
0.002
150
0.25
1N4925
4.0
0.144
25 to +100
0.01
75
0.22
1N4925A
4.0
0.298
-55 to +100
0.01
75
0.22
1N4926
4.0
0.072
25 to +100
0.005
75
0.22
1N4926A
4.0
0.149
-55 to +100
0.005
75
0.22
1N4927
4.0
0.029
25 to +100
0.002
75
0.22
1N4927A
4.0
0.060
-55 to +100
0.002
75
0.22
1N4928
4.0
0.014
25 to +100
0.001
75
0.22
1N4928A
4.0
0.030
-55 to +100
0.001
75
0.22
1N4929
7.5
0.144
25 to +100
0.01
36
0.20
1N4929A
7.5
0.298
-55 to +100
0.01
36
0.20
1N4930
7.5
0.072
25 to +100
0.005
36
0.20
1N4930A
7.5
0.149
-55 to +100
0.005
36
0.20
1N4931
7.5
0.029
25 to +100
0.002
36
0.20
1N4931A
7.5
0.060
-55 to +100
0.002
36
0.20
1N4932
7.5
0.014
25 to +100
0.001
36
0.20
1N4932A
7.5
0.030
-55 to +100
0.001
36
0.20
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121112


Podobny numer części - 1N4924A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Compensated Deuices Inc...
1N4924A CDI-DIODE-1N4924A Datasheet
77Kb / 2P
   19.2 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4924A MICROSEMI-1N4924A Datasheet
71Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Podobny opis - 1N4924A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4916 MICROSEMI-1N4916 Datasheet
71Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4896 MICROSEMI-1N4896 Datasheet
75Kb / 2P
   12.8 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N935 MICROSEMI-1N935 Datasheet
76Kb / 2P
   9.0 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N3154 MICROSEMI-1N3154_1 Datasheet
137Kb / 3P
   8.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4765 NJSEMI-1N4765 Datasheet
118Kb / 1P
   9.1 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N941 NJSEMI-1N941 Datasheet
134Kb / 1P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N3154 MICROSEMI-1N3154 Datasheet
72Kb / 2P
   8.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
Digitron Semiconductors
1N941 DIGITRON-1N941 Datasheet
230Kb / 2P
   11.7 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com