Zakładka z wyszukiwarką danych komponentów |
|
1N4909A Arkusz danych(PDF) 2 Page - Digitron Semiconductors |
|
1N4909A Arkusz danych(HTML) 2 Page - Digitron Semiconductors |
2 / 4 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 1N4896(A)-1N4915(A) 12.8V TEMPERATURE COMPENSATED ZENER DIODE ELECTRICAL CHARACTERISTICS Test current (1 & 5) Maximum voltage change with temperature (2 & 5) Temperature range Effective temperature coefficient(3) Maximum dynamic impedance(4) Maximum noise density IZT ΔVZ αVZ ZZT ND Part number mA Volts °C ± %/°C Ohms µV√Hz 1N4911 4.0 0.010 +25 to +100 0.001 50 0.22 1N4911A 4.0 0.020 -55 to +100 0.001 50 0.22 1N4912 7.5 0.096 +25 to +100 0.01 25 0.20 1N4912A 7.5 0.198 -55 to +100 0.01 25 0.20 1N4913 7.5 0.048 +25 to +100 0.005 25 0.20 1N4913A 7.5 0.099 -55 to +100 0.005 25 0.20 1N4914 7.5 0.019 +25 to +100 0.002 25 0.20 1N4914A 7.5 0.040 -55 to +100 0.002 25 0.20 1N4915 7.5 0.010 +25 to +100 0.001 25 0.20 1N4915A 7.5 0.020 -55 to +100 0.001 25 0.20 Note 1: Nominal voltage for all types 12.8 Volts ±5%. Note 2: Referred to as “box” measurement method, the ΔVZ is the mezimum voltage variance that will occur as the voltage is scanned through all temperatures between the temperature range limits. Note 3: The effective temperature coefficients are tabulated in %/°C primarily for information only since temperature compensated diodes inherently have a non-linear voltage temperature-characteristic. Note 4: The dynamic zener impedance ZZT is derived from the resulting AC voltage developed when a 60cps, rms AC current equal to 10% of the DC zener current IZT is superimposed on IZT. Note 5: Voltage measurements to be performed 15 seconds after application of DC current. MECHANICAL CHARACTERISTICS Case DO-35 hermetically sealed glass Marking Body painted, alpha numeric Polarity Cathode band Available Non-RoHS (standard) or RoHS compliant (add PBF suffix). Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20121112 |
Podobny numer części - 1N4909A |
|
Podobny opis - 1N4909A |