Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2068 Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części ULN2068
Szczegółowy opis  QUAD 1.5 A DARLINGTON SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

ULN2068 Arkusz danych(HTML) 6 Page - Motorola, Inc

  ULN2068 Datasheet HTML 1Page - Motorola, Inc ULN2068 Datasheet HTML 2Page - Motorola, Inc ULN2068 Datasheet HTML 3Page - Motorola, Inc ULN2068 Datasheet HTML 4Page - Motorola, Inc ULN2068 Datasheet HTML 5Page - Motorola, Inc ULN2068 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ULN2068
6
MOTOROLA ANALOG IC DEVICE DATA
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
How to reach us:
USA / EUROPE: Motorola Literature Distribution;
JAPAN: Nippon Motorola Ltd.; Tatsumi–SPD–JLDC, Toshikatsu Otsuki,
P.O. Box 20912; Phoenix, Arizona 85036. 1–800–441–2447
6F Seibu–Butsuryu–Center, 3–14–2 Tatsumi Koto–Ku, Tokyo 135, Japan. 03–3521–8315
MFAX: RMFAX0@email.sps.mot.com – TOUCHTONE (602) 244–6609
HONG KONG: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park,
INTERNET: http://Design–NET.com
51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852–26629298
ULN2068/D
*ULN2068/D*


Podobny numer części - ULN2068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ULN2068B STMICROELECTRONICS-ULN2068B Datasheet
98Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
logo
Allegro MicroSystems
ULN2068B ALLEGRO-ULN2068B Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2068B STMICROELECTRONICS-ULN2068B Datasheet
1,009Kb / 8P
   50V - 1.5A QUAD DARLINGTON SWITCHES
ULN2068B STMICROELECTRONICS-ULN2068B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
logo
Allegro MicroSystems
ULN2068LB ALLEGRO-ULN2068LB Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
More results

Podobny opis - ULN2068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
   QUAD 1.5 A DARLINGTON SWITCHES
logo
STMicroelectronics
ULN2065B STMICROELECTRONICS-ULN2065B Datasheet
827Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2065B-ULN2067B STMICROELECTRONICS-ULN2065B-ULN2067B Datasheet
133Kb / 7P
   80 V - 1.5 A QUAD DARLINGTON SWITCHES
ULN2064B STMICROELECTRONICS-ULN2064B Datasheet
279Kb / 14P
   50 V - 1.5 A quad Darlington switches
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
   Quad Darlington switch
March 2009 Rev 4
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
   QUAD DARLINGTON SWITCH
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
   2A QUAD DARLINGTON SWITCH
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com