Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SC4467L-P-T3P-T Arkusz danych(PDF) 4 Page - Unisonic Technologies

Numer części 2SC4467L-P-T3P-T
Szczegółowy opis  SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC4467L-P-T3P-T Arkusz danych(HTML) 4 Page - Unisonic Technologies

  2SC4467L-P-T3P-T Datasheet HTML 1Page - Unisonic Technologies 2SC4467L-P-T3P-T Datasheet HTML 2Page - Unisonic Technologies 2SC4467L-P-T3P-T Datasheet HTML 3Page - Unisonic Technologies 2SC4467L-P-T3P-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SC4467
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R214-018.B
TYPICAL CHARACTERISTICS
0
Emitter Current vs.
Emitter-Base Voltage
48
12
Emitter-Base Voltage, VEBO (V)
0
10
20
30
40
50
60
20
1.5
2
2.5
0
1
2
3
4
0
Collector Current vs.
Collector-Emitter Voltage
Collector-Emitter Voltage, VCE (V)
0.5
1
16
3
5
6
IB=40mA
IB=20mA
IB=60mA
IB=80mA
IB=100mA
IB=120mA
IB=140mA
IB=160mA
IB=180mA
IB=200mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Podobny numer części - 2SC4467L-P-T3P-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SC4467L-X-T3N-T UTC-2SC4467L-X-T3N-T Datasheet
169Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
2SC4467L-X-T3P-T UTC-2SC4467L-X-T3P-T Datasheet
169Kb / 4P
   SILICON NPN TRIPLE DIFFUSED PLANAR TRANSISTOR
More results

Podobny opis - 2SC4467L-P-T3P-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
logo
Fairchild Semiconductor
FJAF6810D FAIRCHILD-FJAF6810D Datasheet
77Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJAF6910 FAIRCHILD-FJAF6910 Datasheet
109Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
FJL6825 FAIRCHILD-FJL6825 Datasheet
107Kb / 5P
   NPN Triple Diffused Planar Silicon Transistor
KSD5072 FAIRCHILD-KSD5072 Datasheet
95Kb / 4P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5338D FAIRCHILD-KSC5338D_10 Datasheet
394Kb / 8P
   NPN Triple Diffused Planar Silicon Transistor
logo
Sanken electric
2SC3835 SANKEN-2SC3835_07 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC3927 SANKEN-2SC3927_07 Datasheet
34Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
2SC4140 SANKEN-2SC4140_01 Datasheet
33Kb / 1P
   Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com