Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA9012A3-0-BK-G Arkusz danych(PDF) 3 Page - Cystech Electonics Corp.

Numer części BTA9012A3-0-BK-G
Szczegółowy opis  General Purpose PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA9012A3-0-BK-G Arkusz danych(HTML) 3 Page - Cystech Electonics Corp.

  BTA9012A3-0-BK-G Datasheet HTML 1Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 2Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 3Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 4Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 5Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 6Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 7Page - Cystech Electonics Corp. BTA9012A3-0-BK-G Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C305A3
Issued Date : 2014.02.17
Revised Date : 2014.03.11
Page No. : 3/8
BTA9012A3
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
01
23
4
56
-VCE, Collector-to-Emitter Voltage(V)
200uA
300uA
400uA
500uA
1mA
-IB=100uA
Emitter Grounded Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3
45
6
-VCE, Collector-to-Emitter Voltage(V)
1mA
1.5mA
2mA
2.5mA
5mA
-IB=500uA
Emitter Grounded Output Characteristics
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
01
2
3
45
6
-VCE, Collector-to-Emitter Voltage(V)
4mA
6mA
10mA
20mA
-IB=2mA
Emitter Grounded Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
012
3456
-VCE, Collector-to-Emitter Voltage(V)
10mA
20mA
25mA
50mA
-IB=5mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
Tj=25°C
Tj=75°C
Tj=125°C
-VCE=1V
Tj=0°C
Tj=-40°C
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
Tj=25°C
Tj=75°C
Tj=125°C
-VCE=2V
Tj=0°C
Tj=-40°C


Podobny numer części - BTA9012A3-0-BK-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTA928AK3 CYSTEKEC-BTA928AK3 Datasheet
306Kb / 8P
   PNP Epitaxial Planar Transistor
More results

Podobny opis - BTA9012A3-0-BK-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1579S3 CYSTEKEC-BTA1579S3 Datasheet
165Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com