Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB1238AL3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części BTB1238AL3
Szczegółowy opis  Silicon PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1238AL3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  BTB1238AL3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB1238AL3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C849L3
Issued Date : 2012.08.28
Revised Date :
Page No. : 1/7
BTB1238AL3
CYStek Product Specification
Silicon PNP Epitaxial Planar Transistor
BVCEO
-240V
BTB1238AL3
IC
-1A
VCESAT(Max)
-0.3V
Description
• High BVCEO
• High current capability
• RoHS compliant package
• Pb-free lead plating and halogen-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25
°C, unless otherwise specified)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-240
V
Collector-Emitter Voltage
VCEO
-240
V
Emitter-Base Voltage
VEBO
-7
V
Collector Current (DC)
IC
-1
A
Collector Current (Pulse)
ICP
-2
A
Base Current
IB
-200
mA
Power Dissipation
PD
3 (Note )
W
Thermal Resistance, Junction to Ambient
RθJA
41.7
°C/W
Operating Junction and Storage Temperature Range
Tj ; Tstg
-55 ~ +150
°C
Note: The power which can be dissipated assuming the device is mounted in a typical manner on a P.C.B. with copper equal
to 4 square inch minimum.
BTB1238AL3
SOT-223
B
C
E
C
B:Base
C:Collector
E:Emitter


Podobny numer części - BTB1238AL3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTB1238AM3 CYSTEKEC-BTB1238AM3 Datasheet
250Kb / 7P
   Silicon PNP Epitaxial Planar Transistor
More results

Podobny opis - BTB1238AL3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com