Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS52015-3GSTR3 Arkusz danych(PDF) 6 Page - Cherry Semiconductor Corporation

Numer części CS52015-3GSTR3
Szczegółowy opis  1.5A, 3.3V Fixed Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52015-3GSTR3 Arkusz danych(HTML) 6 Page - Cherry Semiconductor Corporation

  CS52015-3GSTR3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52015-3GSTR3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52015-3GSTR3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52015-3GSTR3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52015-3GSTR3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52015-3GSTR3 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
3L
3L
3L
Thermal Data
TO-220
D2PAK
SOT-223
RQJC
typ
3.5
3.5
15
ûC/W
RQJA
typ
50
10 - 50*
156
ûC/W
*Depending on thermal properties of substrate. RQJA = RQJC + RQCA
Part Number
Type
Description
CS52015-3GT3
1.5A, 3.3V output 3 L TO-220 Straight
CS52015-3GDP3
1.5A,3.3V output
3 L D2PAK
CS52015-3GDPR3 1.5A, 3.3V output 3 L D2PAK
(tape & reel)
CS52015-3GST3
1.5A, 3.3V output 3 Lead SOT-223
CS52015-3GSTR3
1.5A, 3.3V output 3 Lead SOT-223
(tape & reel)
Ordering Information
Rev. 2/17/98
Package Specification
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
PACKAGE DIMENSIONS IN mm (INCHES)
3 Lead D2PAK (DP)
2.54 (.100) REF
10.31 (.406)
10.05 (.396)
8.53 (.336)
8.28 (.326)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
1.40 (.055)
1.14 (.045)
0.10 (.004)
0.00 (.000)
.254 (.010) REF
15.75 (.620)
14.73 (.580)
2.79 (.110)
2.29 (.090)
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
3 Lead SOT-223 (ST)
10
° MAX
1.30 (.051)
1.10 (.043)
4.60 (.181)
2.30 (.090)
1.05 (.041)
0.85 (.033)
7.30 (.287)
6.70 (.264)
3.30 (.130)
3.70 (.146)
3.15 (.124)
2.95 (.116)
6.70 (.264)
6.30 (.248)
1.70 (.067)
1.50 (.060)
0.10 (.004)
0.02 (.001)
0.85 (.033)
0.65 (.026)
0.35 (.014)
0.25 (.010)


Podobny numer części - CS52015-3GSTR3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS52015-3GSTR3 ONSEMI-CS52015-3GSTR3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
More results

Podobny opis - CS52015-3GSTR3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Orister Corporation
RS7110 ORISTER-RS7110 Datasheet
599Kb / 9P
   1.5A Fixed Voltage LDO Linear Regulator
logo
E-CMOS Corporation
EC8815 E-CMOS-EC8815 Datasheet
578Kb / 10P
   1.5A Fixed Voltage LDO Linear Regulator
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
CS5203-3 CHERRY-CS5203-3 Datasheet
143Kb / 6P
   3A, 3.3V Fixed Linear Regulator
CS5207-3 CHERRY-CS5207-3 Datasheet
150Kb / 5P
   7A, 3.3V Fixed Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
International Rectifier
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com