Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5205-5 Arkusz danych(PDF) 7 Page - Cherry Semiconductor Corporation

Numer części CS5205-5
Szczegółowy opis  5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5205-5 Arkusz danych(HTML) 7 Page - Cherry Semiconductor Corporation

  CS5205-5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5205-5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5205-5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5205-5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5205-5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5205-5 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5205-5 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Part Number
Type
Description
CS5205-1GT3
5A, adj. output
3 L TO-220 Straight
CS5205-1GDP3
5A, adj. output
3 L D2PAK
CS5205-1GDPR3
5A, adj. output
3 L D2PAK
(tape & reel)
CS5205-3GT3
5A, 3.3V output 3 L TO-220 Straight
CS5205-3GDP3
5A, 3.3V output 3 L D2PAK
CS5205-3GDPR3
5A, 3.3V output 3 L D2PAK
(tape & reel)
CS5205-5GT3
5A, 5V output
3 L TO-220 Straight
Ordering Information
Rev. 6/12/97
Package Specification
PACKAGE DIMENSIONS IN mm(INCHES)
Thermal Data
3L
3L
TO-220
D2PAK
RQJC
typ
1.6
1.6
ûC/W
RQJA
typ
50
10 - 50*
ûC/W
*Depending on thermal properties of substrate. RQJA = RQJC + RQCA
PACKAGE THERMAL DATA
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)
3 Lead D2PAK (DP)
2.54 (.100) REF
10.31 (.406)
10.05 (.396)
8.53 (.336)
8.28 (.326)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
1.40 (.055)
1.14 (.045)
0.10 (.004)
0.00 (.000)
.254 (.010) REF
15.75 (.620)
14.73 (.580)
2.79 (.110)
2.29 (.090)


Podobny numer części - CS5205-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5205-5GT3 ONSEMI-CS5205-5GT3 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
More results

Podobny opis - CS5205-5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS5206-1 CHERRY-CS5206-1 Datasheet
164Kb / 7P
   6A Adjustable, and Fixed 3.3V and 5V Linear Regulators
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117 Datasheet
282Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com