Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS52510-1 Arkusz danych(PDF) 6 Page - Cherry Semiconductor Corporation

Numer części CS52510-1
Szczegółowy opis  10A LDO 5-Pin Adjustable Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS52510-1 Arkusz danych(HTML) 6 Page - Cherry Semiconductor Corporation

  CS52510-1 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS52510-1 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typical Performance Characteristics: continued
6
0.0
83.0
Temperature (C)
40.0
60.0
80.0
100.0
81.0
79.0
77.0
75.0
73.0
71.0
69.0
67.0
65.0
20.0
120.0
160.0
140.0
Adjust Pin Current vs Temperature
Application Notes
50
0
-50
-100
7
0
02
5
0
Time (
ms)
100
13
4
COUT=330
mF
CPOWER=110
mF
CCONTROL=10
mF
CADJUST=25
mF
VCONTROL=5V
VPOWER=3.3V
VOUT=2.5V
Current Step Transient Response
The CS52510-1 linear regulator provides adjustable voltages
from 1.25V to 5V at currents up to 10A. The regulator is pro-
tected against short circuits, and includes a thermal shut-
down circuit with hysteresis. The output, which is current
limited, consists of a PNP-NPN transistor pair and requires
an output capacitor for stability. A detailed procedure for
selecting this capacitor is included in the Stability
Considerations section.
VPOWER Function
The CS52510-1 utilizes a two supply approach to maximize
efficiency. The collector of the power device is brought out to
the VPOWER pin to minimize internal power dissipation
under high current loads.VCONTROL provides power for the
control circuitry and the drive for the output NPN transistor.
VCONTROL should be at least 1V greater than the output volt-
age. Special care has been taken to ensure that there are no
supply sequencing problems. The output voltage will not
turn on until both supplies are operating. If the control volt-
age comes up first, the output current will be typically limit-
ed to about 3mA until the power input voltage comes up. If
the power input voltage comes up first the output will not
turn on at all until the control voltage comes up. The output
can never come up unregulated.
The CS52510-1 can also be used as a single supply device
with the control and power inputs tied together. In this
mode, the dropout will be determined by the minimum con-
trol voltage.
Output Voltage Sensing
The CS52510-1 five terminal linear regulator includes a dedi-
cated Vsense function. This allows for true Kelvin sensing of
the output voltage. This feature can virtually eliminate errors
in the output voltage due to load regulation. Regulation will
be optimized at the point where the sense pin is tied to the
output.
Adjustable Operation
This LDO adjustable regulator has an output voltage range
of 1.25V to 5V. An external resistor divider sets the output
voltage as shown in Figure 1. The regulatorÕs voltage sensing
error amplifier maintains a fixed 1.253V reference between
the output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed current
to flow to ground. This current creates a voltage across R2
that adds to the 1.253V across R1 and sets the overall output
voltage. The adjust pin current (typically 50µA) also flows
through R2 and adds a small error that should be taken into
account if precise adjustment of VOUT is necessary. The out-
put voltage is set according to the formula:
VOUT = 1.253V ´
+ R2 ´ IADJ
The term IADJ ´ R2 represents the error added by the adjust
pin current.
R1 is chosen so that the minimum load current is a least
10mA. R1 and R2 should be of the same composition for best
tracking over temperature. The divider resistors should be
placed as close to the load as possible.
Figure 1: An external resistor divider sets the value of VOUT. The 1.253V
reference voltage drops across R1.
V
SENSE
V
OUT
V
CONTROL
V
POWER
CS52510-1
R1
Adjust
R2
R1 + R2
R1
Design Guidelines
Theory of Operation


Podobny numer części - CS52510-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS52510-1GT5 ONSEMI-CS52510-1GT5 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results

Podobny opis - CS52510-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com