Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6N60 Arkusz danych(PDF) 6 Page - Nell Semiconductor Co., Ltd

Numer części 6N60
Szczegółowy opis  N-Channel Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6N60 Arkusz danych(HTML) 6 Page - Nell Semiconductor Co., Ltd

Back Button 6N60 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd 6N60 Datasheet HTML 10Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.3 On-Resistance variation vs drain
current and gate voltage
Gate threshold voltage, V
(TH)
GS
■ TYPICAL CHARACTERISTICS
www.nellsemi.com
Page 6 of 10
6N60 Series
6
8
2
10
4
0
VGS
Top: 15V
6.5V
8V
7V
6V
5.5V
Bottorm: 4.5V
Note:
1.
2. T
250µs Pulse Test
= 25°C
C
5V
15V
0
10
1
10
-1
10
0
10
1
10
-1
10
10-2
0
10
1
10
-1
10
25°C
150°C
Note:
1.
2.
V
= 40V
DS
250µs Pulse Test
-55°C
Drain-to-Source voltage, V
(V)
DS
10V
5V
Gate-Source voltage, V
(V)
GS
4
3
2
5
6
1
0
2
4
6
8
10
12
14
Note:
1. T = 25°C
C
V
= 20V
GS
V
= 10V
GS
Note:
1. V
2.
= 0V
GS
250
µs Test
150ºC
25ºC
0.2
0.4
0.6 0.8
1.0
1.2
1.4
1.6 1.8 2.0
0
10
1
10
-1
10
Source-Drain voltage, V
(V)
SD
Fig.4 Body diode forward voltage variation
vs. source current and temperature
Drain-Source voltage, V
(V)
DS
Fig.5 Capacitance characteristics
0
200
400
600
800
1000
Fig.6 Gate charge characteristics
12
10
8
6
4
2
Total gate charge, Q (nC)
G
V
= 120V
DS
V
= 300V
DS
V
= 480V
DS
0
6
12
18
24
0
Note:
1. l = 6A
D
C
=
(
)
iss
C
+C
C
= shorted
gs
gd
ds
C
= C
+C
C
= C
oss
ds
gd
rss
gd
Ciss
Coss
Note:
1. V
2.
= 0V
GS
f = 1MHz
-1
10
1
10
0
10
Crss
Fig.2 Transfer characteristics
Fig.1 On-state characteristices


Podobny numer części - 6N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
6N60 UTC-6N60 Datasheet
141Kb / 7P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
249Kb / 6P
   6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
6N60 ISC-6N60 Datasheet
157Kb / 2P
   Avalanche Energy Specified
logo
Chongqing Pingwei Enter...
6N60 CHONGQING-6N60 Datasheet
193Kb / 2P
   6A mps,600 Volts N-CHANNEL MOSFET
More results

Podobny opis - 6N60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com