Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF640 Arkusz danych(PDF) 1 Page - Nell Semiconductor Co., Ltd

Numer części IRF640
Szczegółowy opis  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF640 Arkusz danych(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF640 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF640 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF640 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF640 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF640 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF640 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF640 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
N-Channel Power MOSFET
Nell High Power Products
IRF640 Series
(18A, 200Volts)
The Nell IRF640 are N-channel enhancement mode
silicon gate power field effect transistors.
They are designed, tested and guaranteed to withstand
level of energy in breakdown avalanche made of operation.
DESCRIPTION
Low reverse transfer capacitance
(C
= 91pF typical)
RSS
R
= 0.180Ω @ V
= 10V
DS(ON)
GS
Ultra low gate charge(63nC max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
18
V
(V)
DSS
200
0.180 @ V
= 10V
GS
63
R
(Ω)
DS(ON)
Q (nC) max.
G
D (Drain)
G
(Gate)
S (Source)
TO-220AB
(IRF640A)
D
G
D
S
2
TO-263(D PAK)
(IRF640H)
UNIT
V /ns
V
W /°C
A
mJ
ºC
-55 to 150
VALUE
18
11
200
±20
72
200
125
5
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
V
=10V,
GS
T =25°C
C
V
=10V,
GS
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current (Note 1)
Continuous Drain Current
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage(Note 1)
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
10 (1.1)
1.6mm from case
IAR
Repetitive avalanche current (Note 1)
18
T =25°C
C
13
Repetitive avalanche energy(Note 1)
EAR
0.98
Derating factor above 25
°C
G
D
S
D
www.nellsemi.com
Page 1 of 7
They are designed as an extremely efficient and
reliable device for use in a wide variety of applications
such as switching regulators, convertors, motor drivers
and drivers for high power bipolar switching transistors
requiring high speed and low gate drive power.
These
can
be operated
transistors
directly from
integrated circuits.
EAS
Single pulse avalanche energy (Note 2)
I
=18A, R
=50Ω, V
=10V
AR
GS
GS
I
=18A, L=2.7mH
AS
580
mJ
Note:
1.Repetitive rating: pulse width limited by junction temperature.
2
.V
=50V,L=2.7mH,I
=18A,R =50Ω,starting T =25˚C
DD
AS
G
J
3
.I
18A, di/dt 150A/µs, V
V
, T
150°C.
SD
DD
(BR)DSS
J
W


Podobny numer części - IRF640

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
IRF640 PHILIPS-IRF640 Datasheet
95Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
Comset Semiconductor
IRF640 COMSET-IRF640 Datasheet
106Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
   N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
logo
Kersemi Electronic Co.,...
IRF640 KERSEMI-IRF640 Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
logo
Fairchild Semiconductor
IRF640 FAIRCHILD-IRF640 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
More results

Podobny opis - IRF640

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com