Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS8361YT7 Arkusz danych(PDF) 5 Page - Cherry Semiconductor Corporation

Numer części CS8361YT7
Szczegółowy opis  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHERRY [Cherry Semiconductor Corporation]
Strona internetowa  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8361YT7 Arkusz danych(HTML) 5 Page - Cherry Semiconductor Corporation

  CS8361YT7 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8361YT7 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8361YT7 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8361YT7 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8361YT7 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8361YT7 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VIN
VSTBY
CS8361
Gnd
10
µF
ESR<8
VDD
I/O
MCU
Gnd
B+
C2**
C1*
VTRK
RESET
ENABLE
RESET
5V, 100mA
Adj
10
µF
ESR<8
C3**
SW 8V,
250mA
R3
R2
R1
* C1 is required if regulator is located far from power supply filter.
** C2 and C3 are required for stability.
VTRK ~ VSTBY (1 + R1/R2)
For VTRK ~ 8V, R1/R2 ~ 0.6
0.1
µF
5
Test & Application Circuits
VIN
VSTBY
CS8361
Gnd
10
µF
ESR<8
VDD
I/O
MCU
Gnd
B+
C2**
C1*
VTRK
RESET
ENABLE
RESET
5V, 100mA
Adj
10
µF
ESR<8
C3**
SW 5V,
250mA
R1
0.1
µF
* C1 is required if regulator is located far from power supply filter.
** C2 and C3 are required for stability.
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed
to determine the value of RQJA:
RQJA = RQJC + RQCS + RQSA
(3)
where:
RQJC = the junctionÐtoÐcase thermal resistance,
RQCS = the caseÐtoÐheat sink thermal resistance, and
RQSA = the heat sinkÐtoÐambient thermal resistance.
RQJC appears in the package section of the data sheet. Like
RQJA, it too is a function of package type. RQCS and RQSA
are functions of the package type, heat sink and the inter-
face between them. These values appear in heat sink data
sheets of heat sink manufacturers.
Heat Sinks
Application Notes: continued
Figure 2: 5V, 8V Regulator
Figure 3: Dual 5V Regulator


Podobny numer części - CS8361YT7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS8361YDPS7G ONSEMI-CS8361YDPS7G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDPSR7G ONSEMI-CS8361YDPSR7G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDWF16G ONSEMI-CS8361YDWF16G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8361YDWFR16G ONSEMI-CS8361YDWFR16G Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
More results

Podobny opis - CS8361YT7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com