Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4205 Arkusz danych(PDF) 36 Page - Cirrus Logic

Numer części CS4205
Szczegółowy opis  CrystalClear Audio Codec 97 with Portable Computing
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4205 Arkusz danych(HTML) 36 Page - Cirrus Logic

Back Button CS4205 Datasheet HTML 32Page - Cirrus Logic CS4205 Datasheet HTML 33Page - Cirrus Logic CS4205 Datasheet HTML 34Page - Cirrus Logic CS4205 Datasheet HTML 35Page - Cirrus Logic CS4205 Datasheet HTML 36Page - Cirrus Logic CS4205 Datasheet HTML 37Page - Cirrus Logic CS4205 Datasheet HTML 38Page - Cirrus Logic CS4205 Datasheet HTML 39Page - Cirrus Logic CS4205 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
CS4205
36
DS489PP2
5.15
Extended Audio ID Register (Index 28h)
ID[1:0]
Codec Configuration ID. These bits indicate the current codec configuration. When
ID[1:0] = 00, the CS4205 is the primary audio codec. When ID[1:0] = 01, 10, or 11, the
CS4205 is a secondary audio codec. The state of the ID[1:0] bits is determined at power-up
from the ID[1:0]# pins and the current clocking scheme, see Table 27 on page 63.
AMAP
Audio Slot Mapping. The AMAP bit indicates whether the optional AC ’97 2.1 compliant
AC-link slot to audio DAC mapping is supported. This bit is a shadow of the AMAP bit in the
AC Mode Control Register (Index 5Eh). The PCM playback and capture slots are mapped ac-
cording to Table 14 on page 42.
VRM
Variable Rate Mic Audio. The VRM bit indicates whether variable rate Mic audio is supported.
This bit always returns ‘1’, indicating that variable rate mic audio is available.
VRA
Variable Rate PCM Audio. The VRA bit indicates whether variable rate PCM audio is support-
ed. This bit always returns ‘1’, indicating that variable rate PCM audio is available.
Default
x209h. The Extended Audio ID Register (Index 28h) is a read-only register.
5.16
Extended Audio Status/Control Register (Index 2Ah)
PRL
Mic ADC Powerdown. When ‘set’, the PRL bit powers down the dedicated Mic ADC and cor-
responding input gain stage. To use the dedicated Mic ADC, clear the PRL bit first.
MADC
Mic ADC Ready Status. When ‘set’, the MADC bit indicates the dedicated Mic ADC is ready
to transmit data.
VRM
Enable Variable Rate Mic Audio. When ‘set’, the VRM bit allows access to the Mic ADC Rate
Register (Index 34h). This bit must be ‘set’ in order to use variable mic capture rates. The
VRM bit also serves as a powerdown for the Mic ADC SRC block. Clearing VRM will reset the
Mic ADC Rate Register (Index 34h) to its default value and the SRC data path is flushed.
VRA
Enable Variable Rate Audio. When ‘set’, the VRA bit allows access to the PCM Front DAC
Rate Register (Index 2Ch) and the PCM L/R ADC Rate Register (Index 32h). This bit must
be ‘set’ in order to use variable PCM playback or capture rates. The VRA bit also serves as
a powerdown for the DAC and ADC SRC blocks. Clearing VRA will reset the PCM Front DAC
Rate Register (Index 2Ch) and the PCM L/R ADC Rate Register (Index 32h) to their default
values. The SRC data path is flushed and the Slot Request bits for the currently active DAC
slots will be fixed at ‘0’.
Default
4000h
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ID1
ID0
0
0
0
0
AMAP
00
00
0
VRM
00
VRA
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
PRL
0
0
0
0
MADC
0
0
0
0
0
VRM
0
0
VRA


Podobny numer części - CS4205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 66P
   Audio Codec ??7 with Headphone Amplifier
CS4205 CIRRUS-CS4205 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4205-KQZ CIRRUS-CS4205-KQZ Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

Podobny opis - CS4205

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
   CrystalClear Audio Codec 97 with headphone Amplifier
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4205 CIRRUS-CS4205_05 Datasheet
1Mb / 81P
   CrystalClear짰 Audio Codec ??7 for Portable Computing
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
   Audio Codec 97 with headphone Amplifier
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com