Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4222 Arkusz danych(PDF) 1 Page - Cirrus Logic

Numer części CS4222
Szczegółowy opis  20-Bit Stereo Audio Codec with Volume Control
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4222 Arkusz danych(HTML) 1 Page - Cirrus Logic

  CS4222 Datasheet HTML 1Page - Cirrus Logic CS4222 Datasheet HTML 2Page - Cirrus Logic CS4222 Datasheet HTML 3Page - Cirrus Logic CS4222 Datasheet HTML 4Page - Cirrus Logic CS4222 Datasheet HTML 5Page - Cirrus Logic CS4222 Datasheet HTML 6Page - Cirrus Logic CS4222 Datasheet HTML 7Page - Cirrus Logic CS4222 Datasheet HTML 8Page - Cirrus Logic CS4222 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS4222
20-Bit Stereo Audio Codec with Volume Control
Features
l 99 dB 20-bit A/D Converters
l 99 dB 20-bit D/A Converters
l 110 dB DAC Signal-to-Noise Ratio (EIAJ)
l Analog Volume Control
- 0.5 dB Step Resolution
- 113.5 dB Attenuation
l Soft Mute Capability
l Differential Inputs/Outputs
l On-chip Anti-aliasing and Output Smoothing
Filters
l De-emphasis for 32, 44.1 and 48 kHz
l Stand-Alone or Control Port Mode
l Single +5 V power supply
Description
The CS4222 is a highly integrated, high performance,
20-bit, audio codec providing stereo analog-to-digital
and stereo digital-to-analog converters using delta-sig-
ma conversion techniques. The device operates from a
single +5 V power supply, and features low power con-
sumption. Selectable de-emphasis filter for 32, 44.1, and
48 kHz sample rates is also included.
The CS4222 also includes an analog volume control ca-
pable of 113.5 dB attenuation in 0.5 dB resolution. The
analog volume control architecture preserves dynamic
range during attenuation. Volume control changes are
implemented using a "soft" ramping or zero crossing
technique.
Applications include reverb processors, musical instru-
ments, DAT, and multitrack recorders.
The CS4222 is packaged in a 28-pin plastic SSOP.
ORDERING INFORMATION
CS4222-KS
-10° to +70° C 28-pin SSOP
CDB4222
Evaluation Board
I
RST
DGND
SCL/CCLK
DEM1
DEM0
SDA/CDIN
AD0/CS
AGND
SMUTE
VD
AOUTL+
LRCK
SCLK
SDIN
SDOUT
Control Port
Right
DAC
Left
DAC
Right
ADC
Left
ADC
Volume
Control
Volume
Control
MCLK
VA
AOUTL-
AOUTR+
AOUTR-
AINL-
AINL+
AINR-
AINR+
JAN ‘97
DS236PP3


Podobny numer części - CS4222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4222-BS CIRRUS-CS4222-BS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-DS CIRRUS-CS4222-DS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
More results

Podobny opis - CS4222

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310 Datasheet
322Kb / 16P
   Stereo Audio Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com