Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4220-KS Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CS4220-KS
Szczegółowy opis  24-Bit Stereo Audio Codec with 3V Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4220-KS Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CS4220-KS Datasheet HTML 4Page - Cirrus Logic CS4220-KS Datasheet HTML 5Page - Cirrus Logic CS4220-KS Datasheet HTML 6Page - Cirrus Logic CS4220-KS Datasheet HTML 7Page - Cirrus Logic CS4220-KS Datasheet HTML 8Page - Cirrus Logic CS4220-KS Datasheet HTML 9Page - Cirrus Logic CS4220-KS Datasheet HTML 10Page - Cirrus Logic CS4220-KS Datasheet HTML 11Page - Cirrus Logic CS4220-KS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
CS4220 CS4221
8
DS284PP3
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE (CS4221)
(TA = 25° C; VA, VD = 4.75 V - 5.25 V; Inputs: Logic 0 = DGND, Logic 1 = VD; CL = 30 pF)
Notes: 11. Not tested but guaranteed by design.
12. tspi only needed before first falling edge of CS after RST rising edge. tspi = 0 at all other times.
13. Data must be held for sufficient time to bridge the transition time of CCLK.
14. For FSCK < 1 MHz.
Parameter
Symbol
Min
Max
Unit
SPI Mode (SPI/I2C = 0)
CCLK Clock Frequency
fsck
-6
MHz
RST rising edge to CS falling
(Note 11)
tsrs
41
-
µs
CCLK edge to CS falling
(Note 12)
tspi
500
-
ns
CS High Time between transmissions
tcsh
1.0
-
µs
CS falling to CCLK edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK rising setup time
tdsu
40
-
ns
CCLK rising to DATA hold time
(Note 13)
tdh
15
-
ns
Rise time of CCLK and CDIN
(Note 14)
tr2
-100
ns
Fall time of CCLK and CDIN
(Note 14)
tf2
-100
ns
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
CDIN
tcss
t csh
t spi
t srs
RST
Figure 2. SPI Control Port Timing


Podobny numer części - CS4220-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-BS CIRRUS-CS4222-BS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-DS CIRRUS-CS4222-DS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222-KS CIRRUS-CS4222-KS Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
More results

Podobny opis - CS4220-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
logo
Nuvoton Technology Corp...
WAU8822 NUVOTON-WAU8822 Datasheet
942Kb / 21P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822 NUVOTON-NAU8822 Datasheet
2Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88U22A NUVOTON-NAU88U22A Datasheet
2Mb / 96P
   24-bit Stereo Audio Codec with Speaker Driver
NAU88C22 NUVOTON-NAU88C22 Datasheet
3Mb / 101P
   24-bit Stereo Audio Codec with Speaker Driver
logo
List of Unclassifed Man...
WAU8822YG ETC2-WAU8822YG Datasheet
942Kb / 2P
   24-bit Stereo Audio Codec with Speaker Driver
logo
Nuvoton Technology Corp...
NAU8822L NUVOTON-NAU8822L Datasheet
3Mb / 97P
   24-bit Stereo Audio Codec with Speaker Driver
NAU8822A NUVOTON-NAU8822A Datasheet
3Mb / 91P
   24-bit Stereo Audio Codec with Speaker Driver
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
   Stereo audio codec with SPDIF interface
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com