Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4225-YU Arkusz danych(PDF) 6 Page - Cirrus Logic

Numer części CS4225-YU
Szczegółowy opis  Digital Audio Conversion System
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4225-YU Arkusz danych(HTML) 6 Page - Cirrus Logic

Back Button CS4225-YU Datasheet HTML 2Page - Cirrus Logic CS4225-YU Datasheet HTML 3Page - Cirrus Logic CS4225-YU Datasheet HTML 4Page - Cirrus Logic CS4225-YU Datasheet HTML 5Page - Cirrus Logic CS4225-YU Datasheet HTML 6Page - Cirrus Logic CS4225-YU Datasheet HTML 7Page - Cirrus Logic CS4225-YU Datasheet HTML 8Page - Cirrus Logic CS4225-YU Datasheet HTML 9Page - Cirrus Logic CS4225-YU Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
SWITCHING CHARACTERISTICS - CONTROL PORT
(TA = 25
oC VD+, VA+ = 5V±10%; Inputs: logic 0 = DGND, logic 1 = VD+, CL = 30pF)
Parameter
Symbol
Min
Max
Units
SPI Mode (H/S=0)
CCLK Clock Frequency
fsck
01
MHz
CS High Time Between Transmissions
tcsh
1.0
µs
CS Falling to SCK Edge
tcss
20
ns
CCLK Low Time
tscl
500
ns
CCLK High Time
tsch
500
ns
CDIN to CCLK Rising Setup Time
tdsu
250
ns
CCLK Rising to DATA Hold Time
CDIN (Note 9)
tdh
50
ns
CCLK Falling to CDOUT stable
tpd
250
ns
Rise Time of CDOUT
tr1
25
ns
Fall Time of CDOUT
tf1
25
ns
Rise Time of CCLK and CDIN
tr2
100
ns
Fall Time of CCLK and CDIN
tf2
100
ns
Notes:
9. Data must be held for sufficient time to bridge the transition time of CCLK.
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
t csh
CS4225
6
DS86PP8


Podobny numer części - CS4225-YU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Podobny opis - CS4225-YU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
SAA7366 PHILIPS-SAA7366 Datasheet
114Kb / 20P
   Bitstream conversion ADC for digital audio systems
May 1994
SAA7360 PHILIPS-SAA7360 Datasheet
101Kb / 20P
   Bitstream conversion ADC for digital audio systems
1995 Apr 24
SAA7367 PHILIPS-SAA7367 Datasheet
113Kb / 20P
   Bitstream conversion ADC for digital audio systems
1998 Nov 17
logo
Richtek Technology Corp...
RT9107B RICHTEK-RT9107B Datasheet
641Kb / 42P
   Dual-Channel Digital Audio System
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
   2.1 high efficiency digital audio system
logo
NXP Semiconductors
SAA7220 PHILIPS-SAA7220 Datasheet
247Kb / 20P
   DIGITAL FILTER FOR COMPACT DISC DIGITAL AUDIO SYSTEM
September 1985
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 43P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
logo
ATMEL Corporation
ATR4255P ATMEL-ATR4255P Datasheet
386Kb / 34P
   FM Double-conversion System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com