Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4228-KS Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS4228-KS
Szczegółowy opis  24-Bit, 96 kHz Surround Sound Codec?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4228-KS Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS4228-KS Datasheet HTML 3Page - Cirrus Logic CS4228-KS Datasheet HTML 4Page - Cirrus Logic CS4228-KS Datasheet HTML 5Page - Cirrus Logic CS4228-KS Datasheet HTML 6Page - Cirrus Logic CS4228-KS Datasheet HTML 7Page - Cirrus Logic CS4228-KS Datasheet HTML 8Page - Cirrus Logic CS4228-KS Datasheet HTML 9Page - Cirrus Logic CS4228-KS Datasheet HTML 10Page - Cirrus Logic CS4228-KS Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
CS4228
DS307PP1
7
SWITCHING CHARACTERISTICS (Continued)
Notes: 8. After powering up the CS4228, RST should be held low until the power supplies and clocks are settled.
Parameter
Symbol
Typ
Max
Units
RST Low Time
(Note 8)
1-
-
ms
SCLK Falling Edge to SDOUT Output Valid
(DSCK=0)
tdpd
-TBD
ns
LRCK Edge to MSB Valid
tlrpd
-TBD
ns
SDIN Setup Time Before SCLK Rising Edge
tds
-TBD
ns
SDIN Hold Time After SCLK Rising Edge
tdh
-TBD
ns
Master Mode
SCLK Falling to LRCK Edge
tmslr
+10
-
ns
SCLK Duty Cycle
50
-
%
Slave Mode
SCLK Period
tsckw
--
ns
SCLK High Time
tsckh
TBD
-
-
ns
SCLK Low Time
tsckl
TBD
-
-
ns
SCLK rising to LRCK Edge
(DSCK=0)
tlrckd
TBD
-
-
ns
LRCK Edge to SCLK Rising
(DSCK=0)
tlrcks
TBD
-
-
ns
Figure 1. Serial Audio Port Master Mode Timing
t mslr
SCLK*
(output)
LRCK
(output)
SDOUT
sckh
sckl
sckw
t
t
t
MSB
MSB-1
*SCLK shown for DSCK = 0.
SCLK inverted for DSCK = 1.
tdpd
SDOUT
LRCK
(input)
SCLK*
(input)
SDIN1
SDIN2
SDIN3
dh
t
ds
t
lrpd
t
lrcks
t
lrckd
t
Figure 2. Serial Audio Port Slave Mode Timing


Podobny numer części - CS4228-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A CIRRUS-CS4228A Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
CS4228A-KS CIRRUS-CS4228A-KS Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
More results

Podobny opis - CS4228-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4228A CIRRUS-CS4228A_03 Datasheet
672Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec
CS4228A CIRRUS-CS4228A Datasheet
518Kb / 32P
   24-Bit, 96 kHz Surround Sound Codec?
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4226 CIRRUS-CS4226 Datasheet
1Mb / 60P
   Surround Sound Codec
CS4226 CIRRUS-CS4226_04 Datasheet
643Kb / 37P
   Surround Sound Codec
logo
Analog Devices
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835_15 Datasheet
705Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com