Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDB4340 Arkusz danych(PDF) 1 Page - Cirrus Logic

Numer części CDB4340
Szczegółowy opis  24-Bit, 96 kHz Stereo DAC for Audio?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4340 Arkusz danych(HTML) 1 Page - Cirrus Logic

  CDB4340 Datasheet HTML 1Page - Cirrus Logic CDB4340 Datasheet HTML 2Page - Cirrus Logic CDB4340 Datasheet HTML 3Page - Cirrus Logic CDB4340 Datasheet HTML 4Page - Cirrus Logic CDB4340 Datasheet HTML 5Page - Cirrus Logic CDB4340 Datasheet HTML 6Page - Cirrus Logic CDB4340 Datasheet HTML 7Page - Cirrus Logic CDB4340 Datasheet HTML 8Page - Cirrus Logic CDB4340 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2000
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS4340
24-Bit, 96 kHz Stereo DAC for Audio
Features
l Complete Stereo DAC System: Interpolation,
D/A, Output Analog Filtering
l 101 dB Dynamic Range
l 91 dB THD+N
l Low Clock Jitter Sensitivity
l +3 V to +5 V Power Supply
l Filtered Line Level Outputs
l On-Chip Digital De-emphasis for 32, 44.1,
and 48 kHz
l 30 mW with 3 V supply
l Popguard® Technology for Control of Clicks
and Pops
Description
The CS4340 is a complete stereo digital-to-analog sys-
tem including digital interpolation, fourth-order delta-
sigma digital-to-analog conversion, digital de-emphasis
and switched capacitor analog filtering. The advantages
of this architecture include: ideal differential linearity, no
distortion mechanisms due to resistor matching errors,
no linearity drift over time and temperature and a high
tolerance to clock jitter.
The CS4340 accepts data at audio sample rates from
2 kHz to 100 kHz, consumes very little power, and oper-
ates over a wide power supply range. The features of the
CS4340 are ideal for DVD players, CD players, set-top
box and automotive systems.
ORDERING INFORMATION
CS4340-KS
16-pin SOIC, -10 to 70 °C
CS4340-BS
16-pin SOIC, -40 to 85 °C
CDB4340
Evaluation Board
I
∆Σ DAC
Analog Filter
Serial
Input
Interface
Interpolation
Filter
Analog Filter
MUTEC
AOUTL
AOUTR
RST
LRCK
SDATA
MCLK
∆Σ
External
Mute Control
SCLK/DEM1
DAC
Interpolation
Filter
De-emphasis
DEM0
DIF0 DIF1
NOV ‘00
DS297PP3


Podobny numer części - CDB4340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CDB4340 CIRRUS-CDB4340 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
CDB4340A CIRRUS-CDB4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
CDB4340A CIRRUS-CDB4340A Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results

Podobny opis - CDB4340

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4340 CIRRUS-CS4340_05 Datasheet
766Kb / 25P
   24-Bit, 96 kHz Stereo DAC for Audio
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
CS4340A CIRRUS-CS4340A Datasheet
628Kb / 20P
   24-Bit, 192 kHz Stereo DAC for Audio?
logo
Analog Devices
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
logo
NXP Semiconductors
UDA1361TS PHILIPS-UDA1361TS Datasheet
97Kb / 20P
   96 kHz sampling 24-bit stereo audio ADC
2001 Jan 17
logo
Analog Devices
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871YRSZ AD-AD1871YRSZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com