Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB1940T Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części LB1940T
Szczegółowy opis  2-ch H-Bridge Constant Current Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1940T Arkusz danych(HTML) 3 Page - ON Semiconductor

  LB1940T Datasheet HTML 1Page - ON Semiconductor LB1940T Datasheet HTML 2Page - ON Semiconductor LB1940T Datasheet HTML 3Page - ON Semiconductor LB1940T Datasheet HTML 4Page - ON Semiconductor LB1940T Datasheet HTML 5Page - ON Semiconductor LB1940T Datasheet HTML 6Page - ON Semiconductor LB1940T Datasheet HTML 7Page - ON Semiconductor LB1940T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LB1940T
No.7232-3/8
Package Dimensions
unit : mm (typ)
True Table
Input
Output
Mode
ENA
IN
OUT
SVDD
1
2
1
2
1
2
3
4
L
L
Standby (current dissipation zero)
H
H
L
H
on
Reverse rotation
L
H
L
on
Forward rotation
H
H
L
H
on
Reverse rotation
L
H
L
on
Forward rotation
A blank means “don’t care”.
A blank means “off”.
SANYO : TSSOP20(225mil)
0.65
(0.3)
0.22
0.15
6.5
1
10
20
11
020
--20
40
60
100
80
0
400
200
1000
800
800mW
600
ILB01486
Pd max - Ta
Ambient Temperature, Ta-
C
Mounted on a Specified board:
114.3mm
76.1mm1.6mm glass epoxy
LB1940T/U


Podobny numer części - LB1940T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T Datasheet
450Kb / 9P
   LB1940T
LB1940T SANYO-LB1940T Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1940T SANYO-LB1940T Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
More results

Podobny opis - LB1940T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1940T SANYO-LB1940T_09 Datasheet
267Kb / 8P
   2-ch H-Bridge Constant Current Driver
LB1940T SANYO-LB1940T_06 Datasheet
297Kb / 8P
   2-ch H-Bridge Constant Current Driver
logo
ON Semiconductor
LB1940T ONSEMI-LB1940T Datasheet
305Kb / 8P
   Monolithic Digital IC 2-ch H-Bridge Constant Current Driver Constant-current control
June, 2013
LB1939T ONSEMI-LB1939T Datasheet
138Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver
December 2013 - Rev. 0
logo
Global Mixed-mode Techn...
G2004 GMT-G2004 Datasheet
63Kb / 1P
   Constant current type 1-CH H-bridge driver IC
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
   2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
   2 Channel H Bridge Constant Voltage/Constant Current Driver IC
LV8080LP SANYO-LV8080LP_09 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8080LP SANYO-LV8080LP_11 Datasheet
98Kb / 8P
   Two channels Constant-current H-bridge Driver
LV8081GQ SANYO-LV8081GQ Datasheet
186Kb / 9P
   Two channels Constant-current H-bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com