Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4383 Arkusz danych(PDF) 5 Page - Cirrus Logic

Numer części CS4383
Szczegółowy opis  114 dB, 192 kHz 8-Channel D/A Converter?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4383 Arkusz danych(HTML) 5 Page - Cirrus Logic

  CS4383 Datasheet HTML 1Page - Cirrus Logic CS4383 Datasheet HTML 2Page - Cirrus Logic CS4383 Datasheet HTML 3Page - Cirrus Logic CS4383 Datasheet HTML 4Page - Cirrus Logic CS4383 Datasheet HTML 5Page - Cirrus Logic CS4383 Datasheet HTML 6Page - Cirrus Logic CS4383 Datasheet HTML 7Page - Cirrus Logic CS4383 Datasheet HTML 8Page - Cirrus Logic CS4383 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
CS4383
5
ANALOG CHARACTERISTICS (Continued)
POWER AND THERMAL CHARACTERISTICS
Notes: 5. VFS is tested under load RL and includes attenuation due to ZOUT
6. Current consumption increases with increasing FS within a given speed mode and is signal dependant.
Max values are based on highest FS and highest MCLK.
7. ILC measured with no external loading on the SDA pin.
8. This specification is violated when the VLC supply is greater than VD and when pin 16 (M1/SDA) is tied
or pulled low. Logic tied to pin 16 needs to be able to sink this current.
9. Power down mode is defined as RST pin = Low with all clock and data lines held static.
10. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figures 5 and 6.
Parameters
Symbol
Min
Typ
Max
Units
Analog Output - All PCM modes and DSD
Full Scale Differential Output Voltage (Note 5)
VFS
88% VA
92% VA
94% VA
Vpp
Quiescent Voltage
VQ
-50% VA
-VDC
Max Current from VQ
IQMAX
-1
-
µA
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
100
-
ppm/°C
Output Impedance
(Note 5)
ZOUT
-
100
-
AC-Load Resistance
RL
3-
-
k
Load Capacitance
CL
-
-
100
pF
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA=5V
(Note 6)
VD=5V
VD=3.3V
Interface current, VLC=5V (Note 7, 8)
VLS=5V
power-down state (all supplies) (Note 9)
IA
ID
ID
ILC
ILS
Ipd
-
-
-
-
-
-
60
45
30
2
84
200
66
70
46
-
-
-
mA
mA
mA
µA
µA
µA
Power Dissipation
(Note 6)
VA = 5 V, VD = 3.3 V
normal operation
power-down (Note 9)
VA = 5 V, VD = 5 V
normal operation
power-down (Note 9)
-
-
-
-
400
1
525
1
485
-
680
-
mW
mW
mW
mW
Package Thermal Resistance
θ
JA
θ
JC
-
-
48
15
-
-
°C/Watt
°C/Watt
Power Supply Rejection Ratio (Note 10)
(1 kHz)
(60 Hz)
PSRR
-
-
60
40
-
-
dB
dB


Podobny numer części - CS4383

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZ CIRRUS-CS4382-KQZ Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382-KQZR CIRRUS-CS4382-KQZR Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
More results

Podobny opis - CS4383

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
   114-dB, 192-kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
   114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
   114 dB, 192 kHz, 8-Channel A/D Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A_08 Datasheet
1,012Kb / 50P
   114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_08 Datasheet
1Mb / 55P
   114 dB, 192 kHz 8-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com