Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4391-KZ Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CS4391-KZ
Szczegółowy opis  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4391-KZ Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CS4391-KZ Datasheet HTML 4Page - Cirrus Logic CS4391-KZ Datasheet HTML 5Page - Cirrus Logic CS4391-KZ Datasheet HTML 6Page - Cirrus Logic CS4391-KZ Datasheet HTML 7Page - Cirrus Logic CS4391-KZ Datasheet HTML 8Page - Cirrus Logic CS4391-KZ Datasheet HTML 9Page - Cirrus Logic CS4391-KZ Datasheet HTML 10Page - Cirrus Logic CS4391-KZ Datasheet HTML 11Page - Cirrus Logic CS4391-KZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
CS4391
8
DS335PP3
SWITCHING CHARACTERISTICS - PCM MODES (T
A = -10 to 70° C; VL = 5.5 to 1.8 Volts;
Inputs: Logic 0 = 0 V, Logic 1 = VL, CL = 20 pF)
Notes: 22. This serial clock is available only in Control Port Mode when the MCLK Divide bit is enabled.
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Fs
4
-
200
kHz
LRCK Duty Cycle
45
50
55
%
MCLK Duty Cycle
405060
%
SCLK Frequency
-
-MCLK/2
Hz
SCLK Frequency
Note 22
-
-MCLK/4
Hz
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
slrs
t
slrd
t
sdlrs
t
sdh
t
SDATA
SCLK
LRCK
Figure 1. Serial Mode Input Timing


Podobny numer części - CS4391-KZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4391-KZ CIRRUS-CS4391-KZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
CS4391-KZ ETC2-CS4391-KZ Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Cirrus Logic
CS4391-KZZ CIRRUS-CS4391-KZZ Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
More results

Podobny opis - CS4391-KZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392 Datasheet
978Kb / 42P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com