Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4392 Arkusz danych(PDF) 24 Page - Cirrus Logic

Numer części CS4392
Szczegółowy opis  24-Bit, 192 kHz Stereo DAC with Volume Control?
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4392 Arkusz danych(HTML) 24 Page - Cirrus Logic

Back Button CS4392 Datasheet HTML 20Page - Cirrus Logic CS4392 Datasheet HTML 21Page - Cirrus Logic CS4392 Datasheet HTML 22Page - Cirrus Logic CS4392 Datasheet HTML 23Page - Cirrus Logic CS4392 Datasheet HTML 24Page - Cirrus Logic CS4392 Datasheet HTML 25Page - Cirrus Logic CS4392 Datasheet HTML 26Page - Cirrus Logic CS4392 Datasheet HTML 27Page - Cirrus Logic CS4392 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
CS4392
24
DS459PP2
6.6.2
Soft Volume Ramp-up after Reset (Bit 3)
Function:
This function allows the user to control whether a soft ramp up in volume is applied when reset is re-
leased either by the reset pin or internal to the chip. The modes are as follows:
0 - An instantaneous change is made from max attenuation to the control port volume setting on re-
lease of reset (default setting).
1 - Volume is ramped up using the soft-ramp settings in Bits 6:5 of register 02h (see 6.2.2) from max
attenuation to the control port volume setting on release of reset.
6.6.3
Soft Ramp-down before Reset (Bit 2)
Function:
This function allows the user to control if a soft ramp-down in volume is applied before a known reset
condition. The modes are as follows:
0 - An instantaneous change is made from the control port volume setting to max attenuation when
chip resets (default setting).
1 - Volume is ramped down using the soft-ramp settings in Bits 6:5 of register 02h (see 6.2.2) from
the control port volume setting to max attenuation when chip resets.
6.7
Chip ID - Register 07h
Function:
This register is Read-Only. Bits 7 through 4 are the part number ID which is 1000b (8h) and the re-
maining Bits (3 through 0) are for the chip revision.
B7
B6
B5
B4
B3
B2
B1
B0
PART3
PART2
PART1
PART0
REV3
REV2
REV1
REV0


Podobny numer części - CS4392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4392-KS CIRRUS-CS4392-KS Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392-KZ CIRRUS-CS4392-KZ Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392-KZZ CIRRUS-CS4392-KZZ Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
More results

Podobny opis - CS4392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
   24-Bit, 192 kHz Stereo DAC with Volume Control
CS4391 CIRRUS-CS4391 Datasheet
576Kb / 40P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391A CIRRUS-CS4391A Datasheet
748Kb / 40P
   24-BIT, 192 kHz STEREO DAC WITH VOLUME CONTROL
CS4341A CIRRUS-CS4341A Datasheet
716Kb / 32P
   24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4341 CIRRUS-CS4341_05 Datasheet
909Kb / 34P
   24-Bit, 96 kHz Stereo DAC with Volume Control
CS4341 CIRRUS-CS4341 Datasheet
923Kb / 36P
   24-Bit, 96 kHz Stereo DAC with Volume Control?
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com