Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS4339-KS Arkusz danych(PDF) 8 Page - Cirrus Logic

Numer części CS4339-KS
Szczegółowy opis  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4339-KS Arkusz danych(HTML) 8 Page - Cirrus Logic

Back Button CS4339-KS Datasheet HTML 4Page - Cirrus Logic CS4339-KS Datasheet HTML 5Page - Cirrus Logic CS4339-KS Datasheet HTML 6Page - Cirrus Logic CS4339-KS Datasheet HTML 7Page - Cirrus Logic CS4339-KS Datasheet HTML 8Page - Cirrus Logic CS4339-KS Datasheet HTML 9Page - Cirrus Logic CS4339-KS Datasheet HTML 10Page - Cirrus Logic CS4339-KS Datasheet HTML 11Page - Cirrus Logic CS4339-KS Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
CS4334/5/6/7/8/9
8
DS248PP3
SWITCHING CHARACTERISTICS (T
A = -40 to 85°C; VA = 4.75V - 5.5V; Inputs: Logic 0 = 0V,
Logic 1 = VA, CL = 20pF)
Notes: 9. In Internal SCLK Mode, the Duty Cycle must be 50%
+/− 1/2 MCLK Period.
10. The SCLK / LRCK ratio may be either 32, 48, or 64. This ratio depends on part type and MCLK/LRCK
ratio. (See figures 10-15)
Parameters
Symbol
Min
Typ
Max
Units
Input Sample Rate
Fs
2
-
100
kHz
MCLK Pulse Width High
MCLK/LRCK = 512
10
-
1000
ns
MCLK Pulse Width Low
MCLK/LRCK = 512
10
-
1000
ns
MCLK Pulse Width High MCLK / LRCK = 384 or 192
21
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 384 or 192
21
-
1000
ns
MCLK Pulse Width High MCLK / LRCK = 256 or 128
31
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 256 or 128
31
-
1000
ns
External SCLK Mode
LRCK Duty Cycle (External SCLK only)
40
50
60
%
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
MCLK / LRCK = 512, 256 or 384
tsclkw
--
ns
SCLK Period
MCLK / LRCK = 128 or 192
tsclkw
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
Internal SCLK Mode
LRCK Duty Cycle (Internal SCLK only)
(Note 9)
-
50
-
%
SCLK Period
(Note 10)
tsclkw
--
ns
SCLK rising to LRCK edge
tsclkr
--
µs
SDATA valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 512, 256 or 128
tsdh
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 384 or 192
tsdh
--
ns
1
128
()Fs
----------------------
1
64
()Fs
-------------------
1
SCLK
-----------------
tsclkw
2
------------------
1
512
()Fs
----------------------
10
+
1
512
()Fs
----------------------15
+
1
384
()Fs
----------------------15
+


Podobny numer części - CS4339-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4339-KS CIRRUS-CS4339-KS Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4339-KSZ CIRRUS-CS4339-KSZ Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Podobny opis - CS4339-KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com