Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF740 Arkusz danych(PDF) 1 Page - Nell Semiconductor Co., Ltd

Numer części IRF740
Szczegółowy opis  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF740 Arkusz danych(HTML) 1 Page - Nell Semiconductor Co., Ltd

  IRF740 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF740 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
IRF740 Series
www.nellsemi.com
Page 1 of 7
N-Channel Power MOSFET
Nell High Power Products
(10A, 400Volts)
The Nell IRF740 are N-Channel enhancement mode silicon
gate power field effect transistors. They are designed, tested
and guaranteed to withstand a specified level of energy in the
breakdown avalanche mode of operation.
DESCRIPTION
Low reverse transfer capacitance
(C
= 120pF typical)
RSS
R
= 0.55Ω @ V
= 10V
DS(ON)
GS
Ultra low gate charge(63nC Max.)
Fast switching capability
100% avalanche energy specified
Improved dv/dt capability
150°C operation temperature
FEATURES
PRODUCT SUMMARY
I (A)
D
10
V
(V)
DSS
400
0.55 @ V
= 10V
GS
63
R
(Ω)
DS(ON)
Q (nC) max.
G
UNIT
V /ns
V
W /°C
A
mJ
ºC
-55 to 150
VALUE
10
6.3
400
±30
40
400
125
4
ABSOLUTE MAXIMUM RATINGS (T = 25°C unless otherwise specified)
C
T =25°C to 150°C
J
TEST CONDITIONS
R
=20KΩ
GS
V
=10V,
GS
T =25°C
C
V
=10V,
GS
T =100°C
C
Operation junction temperature
Storage temperature
Peak diode recovery dv/dt(Note 3)
PARAMETER
Pulsed Drain current(Note 1)
Continuous Drain Current
Total power dissipation
Gate to Source voltage
Drain to Gate voltage
Drain to Source voltage(Note 1)
SYMBOL
VDGR
VDSS
dv/dt
VGS
IDM
TSTG
PD
ID
TJ
TL
.
.
lbf in (N m)
300
Maximum soldering temperature, for 10 seconds
Mounting torque, #6-32 or M3 screw
-55 to 150
Note:
1.Repetitive rating: pulse width limited by junction temperature.
10 (1.1)
1.6mm from case
IAR
Avalanche current(Note 1)
10.0
T =25°C
C
2
.V
≤ 50V, L=9.1mH, l
=10A, R =25Ω, starting T =25°C
DD
AS
G
J
520
Single pulse avalanche energy(Note 2)
EAS
3
.I
≤ 10A, di/dt ≤ 120A/µs, V
V
, T
150°C.
SD
DD
(BR)DSS
J
1
Derating factor above 25
°C
They are designed as an extremely efficient and reliable
device for use in a wide variety of applications such as
switching regulators. convertors,UPS, switching mode power
supplies and drivers for high power bipolar switching
transistors requiring high speed and low gate drive power.
These transistors can be operated directly from integrated
circuits.
(IRF740A)
TO-220AB
D
S
G
D
mJ
13
Repetitive avalanche energy(Note 1)
EAR
l
=10A, R
=10V
AR
GS
=50Ω, V
GS
l
=10A, =9.1mH
AS
L
D (Drain)
G
(Gate)
S (Source)
W


Podobny numer części - IRF740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
   N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
logo
Inchange Semiconductor ...
IRF740 ISC-IRF740 Datasheet
279Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
154Kb / 5P
   N-Channel Power MOSFETs, 10A, 350V/400V
logo
List of Unclassifed Man...
IRF740 ETC2-IRF740 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
IRF740 FAIRCHILD-IRF740 Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results

Podobny opis - IRF740

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com