Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5102A-JP Arkusz danych(PDF) 7 Page - Cirrus Logic

Numer części CS5102A-JP
Szczegółowy opis  16-Bit, 100kHz/ 20kHz A/D Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5102A-JP Arkusz danych(HTML) 7 Page - Cirrus Logic

Back Button CS5102A-JP Datasheet HTML 3Page - Cirrus Logic CS5102A-JP Datasheet HTML 4Page - Cirrus Logic CS5102A-JP Datasheet HTML 5Page - Cirrus Logic CS5102A-JP Datasheet HTML 6Page - Cirrus Logic CS5102A-JP Datasheet HTML 7Page - Cirrus Logic CS5102A-JP Datasheet HTML 8Page - Cirrus Logic CS5102A-JP Datasheet HTML 9Page - Cirrus Logic CS5102A-JP Datasheet HTML 10Page - Cirrus Logic CS5102A-JP Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
SWITCHING CHARACTERISTICS (TA = TMIN to TMAX;
VA+, VD+ = 5V
± 10%; VA-, VD- = -5V ± 10%; Inputs: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Units
CLKIN Period
(Note 18,24)
tclk
0.5
-
10
µs
CLKIN Low Time
tclkl
200
-
-
ns
CLKIN High Time
tclkh
200
-
-
ns
Crystal Frequency
(Note 24, 25)
fxtal
0.9
1.6
2.0
MHz
SLEEP Rising to Oscillator Stable
(Note 26)
-
-
20
-
ms
RST Pulse Width
trst
150
-
-
ns
RST to STBY Falling
tdrrs
-
100
-
ns
RST Rising to STBY Rising
tcal
-
2,882,040
-
tclk
CH1/2 Edge to TRK1, TRK2 Rising
(Note 27)
tdrsh1
-80
-
ns
CH1/2 Edge to TRK1, TRK2 Falling
(Note 27)
tdfsh4
-
-
68tclk+260
ns
HOLD to SSH Falling
(Note 28)
tdfsh2
-60
ns
HOLD to TRK1, TRK2, Falling
(Note 28)
tdfsh1
66tclk
-
68tclk+260
ns
HOLD to TRK1, TRK2, SSH Rising
(Note 28)
tdrsh
-
120
-
ns
HOLD Pulse Width
(Note 29)
thold
1tclk+20
-
63tclk
ns
HOLD to CH1/2 Edge
(Note 28)
tdhlri
15
-
64tclk
ns
HOLD Falling to CLKIN Falling
(Note 29)
thcf
55
-
1tclk+10
ns
Note:
24. Minimum CLKIN period is 0.625
µs in FRN mode (20 kHz sample rate). At temperatures >+85 °C,
and with clock frequencies <1.6 MHz, analog performance may be degraded.
25. External loading capacitors are required to allow the crystal to oscillate. Maximum crystal frequency
is 1.6 MHz in FRN mode (20 kHz sample rate).
26. With a 2.0 MHz crystal, two 33 pF loading capacitors and a 10 M
Ω parallel resistor (see Figure 8).
27. These times are for FRN mode.
28. SSH only works correctly if HOLD falling edge is within +15 to +30 ns of CH1/2 edge or if CH1/2 edge
occurs after HOLD rises to 64 tclk after HOLD has fallen. These times are for PDT and RBT modes.
29. When HOLD goes low, the analog sample is captured immediately. To start conversion, HOLD must
be latched by a falling edge of CLKIN. Conversion will begin on the next rising edge of CLKIN
after HOLD is latched. If HOLD is operated synchronous to CLKIN, the HOLD pulse width may be as
narrow as 150 ns for all CLKIN frequencies if CLKIN falls 55 ns after HOLD falls. This
ensures that the HOLD pulse will meet the minimum specification for thcf.
CS5102A
DS45F2
7


Podobny numer części - CS5102A-JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS5102A-JL CIRRUS-CS5102A-JL Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
CS5102A-JLZ CIRRUS-CS5102A-JLZ Datasheet
574Kb / 39P
   16-bit, 100 kSps / 20 kSps A/D Converters
More results

Podobny opis - CS5102A-JP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MN6500 ETC1-MN6500 Datasheet
1Mb / 8P
   100kHz 16-Bit, A/D CONVERTER
logo
API Technologies Corp
MN6500 APITECH-MN6500 Datasheet
1Mb / 8P
   16-bit, 100kHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
ADS-939 MURATA-PS-ADS-939 Datasheet
223Kb / 7P
   16-Bit, 10MHz Sampling A/D Converters
logo
Analog Devices
ADDAC71 AD-ADDAC71_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
ADDAC72 AD-ADDAC72_15 Datasheet
1Mb / 5P
   HIGH RESOLUTION 16 BIT D/A CONVERTERS
logo
List of Unclassifed Man...
ADS-930 ETC1-ADS-930 Datasheet
603Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com