Zakładka z wyszukiwarką danych komponentów |
|
CS5102A-JP Arkusz danych(PDF) 2 Page - Cirrus Logic |
|
CS5102A-JP Arkusz danych(HTML) 2 Page - Cirrus Logic |
2 / 40 page CS5101A-J,K CS5101A-A,B Parameter* Min Typ Max Min Typ Max Units Specified Temperature Range 0 to +70 -40 to +85 °C Accuracy Linearity Error -J,A,S (Note 1) -K,B,T Drift (Note 2) - - - 0.002 0.001 ± 1/4 0.003 0.002 - - - - 0.002 0.001 ± 1/4 0.003 0.002 - %FS %FS ∆LSB Differential Linearity (Notes 3, 4) 16 - - 16 - - Bits Full Scale Error -J,A,S (Note 1) -K,B,T Drift (Note 2) - - - ± 1 ± 1 ± 1 ± 4 ± 3 - - - - ± 1 ± 1 ± 1 ± 4 ± 3 - LSB LSB ∆LSB Unipolar Offset -J,A,S (Note 1) -K,B,T Drift (Note 2) - - - ± 2 ± 2 ± 1 ± 5 ± 4 - - - - ± 2 ± 2 ± 1 ± 5 ± 4 - LSB LSB ∆LSB Bipolar Offset -J,A,S (Note 1) -K,B,T Drift (Note 2) - - - ± 2 ± 2 ± 1 ± 5 ± 3 - - - - ± 2 ± 2 ± 2 ± 5 ± 3 - LSB LSB ∆LSB Bipolar Negative Full-Scale Error -J,A,S (Note 1) -K,B,T Drift (Note 2) - - - ± 1 ± 1 ± 1 ± 4 ± 3 - - - - ± 1 ± 1 ± 1 ± 4 ± 3 - LSB LSB ∆LSB Dynamic Performance (Bipolar Mode) Peak Harmonic or Spurious Noise (Note 1) 1 kHz Input -J,A,S -K,B,T 12 kHz Input -J,A,S -K,B,T 96 98 85 85 100 102 88 91 - - - - 96 98 85 85 100 102 88 91 - - - - dB dB dB dB Total Harmonic Distortion -J,A,S -K,B,T - - 0.002 0.001 - - - - 0.002 0.001 - - % % Signal-to-Noise Ratio (Note 1) 0dB Input -J,A,S -K,B,T -60 dB Input -J,A,S -K,B,T 87 90 - - 90 92 30 32 - - - - 87 90 - - 90 92 30 32 - - - - dB dB dB dB Noise (Note 5) Unipolar Mode Bipolar Mode - - 35 70 - - - - 35 70 - - µVrms µVrms CS5101A ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V; VA-, VD- = -5V; VREF = 4.5V; Full-Scale Input Sinewave, 1 kHz; CLKIN = 4 MHz for -16, 8 MHz for -8; f s = 50 kHz for -16, 100 kHz for -8; Bipolar Mode; FRN Mode; AIN1 and AIN2 tied together, each channel tested separately; Analog Source Impedance = 50 Ω with 1000 pF to AGND unless otherwise specified) Notes: 1. Applies after calibration at any temperature within the specified temperature range. At temp 2. Total drift over specified temperature range after calibration at power-up at 25 °C. 3. Minimum resolution for which no missing codes is guaranteed over the specified temperature range. 4. Clock speeds of less than 1.0 MHz, at temperatures >100 °C will degrade DNL performance. 5. Wideband noise aliased into the baseband. Referred to the input. *Refer to Parameter Definitions (immediately following the pin descriptions at the end of this data sheet). Specifications are subject to change without notice. 2 DS45F2 |
Podobny numer części - CS5102A-JP |
|
Podobny opis - CS5102A-JP |