Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF4410 Arkusz danych(PDF) 3 Page - Nell Semiconductor Co., Ltd

Numer części IRF4410
Szczegółowy opis  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF4410 Arkusz danych(HTML) 3 Page - Nell Semiconductor Co., Ltd

  IRF4410 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 8Page - Nell Semiconductor Co., Ltd IRF4410 Datasheet HTML 9Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
ORDERING INFORMATION SCHEME
MOSFET series
Current & Voltage rating, lD & VDS
N-Channel, IR series
97A / 100V
IRF
4410
A
Package type
A = TO-220AB
2
H = TO-263 (D PAK)
Fig.2 Typical output characteristics
Drain-to-Source voltage,
(V)
VDS
Gate-to-Source voltage, V
(V)
GS
Fig.1 Typical output characteristics
Drain-to-Source voltage, V
(V)
DS
Fig.3 Typical transfer characteristics
Fig.4 Normalized on-resistance vs.
Junction temperature
Junction Temperature, T (°C)
J
1
1
10
3
10
1
0
10
0.1
2
10
2
10
VGS
Top: 15V
10V
8V
6V
5.5V
5V
4.8V
Bottorm: 4.5V
1
1
10
3
10
2
10
1
0
10
0.1
2
10
4.5V
4.5V
VGS
Top: 15V
10V
8V
6V
5.5V
5V
4.8V
Bottorm: 4.5V
≤60µs pulse width
T =25°C
J
≤60µs pulse width
T =175°C
J
1
1
10
3
10
2
10
0.1
2
3
4
5
6
7
V
=50V
DS
≤60µs pulse width
T =175°C
J
T =25°C
J
2.5
2.0
1.5
1.0
0.5
-60 -40 -20 0
20 40 60 80 100 120 140 160 180
IRF4410 Series
www.nellsemi.com
Page 3 of 9


Podobny numer części - IRF4410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
IRF441 SAMSUNG-IRF441 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF441 FAIRCHILD-IRF441 Datasheet
150Kb / 5P
   N-Channel Power MOSFETs, 8A, 450 V/500V
logo
New Jersey Semi-Conduct...
IRF441 NJSEMI-IRF441 Datasheet
137Kb / 3P
   N-CHANNEL POWER MOSFETS
logo
ARTSCHIP ELECTRONICS CO...
IRF441 ARTSCHIP-IRF441 Datasheet
271Kb / 5P
   N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF441-F2 ISC-IRF441-F2 Datasheet
200Kb / 2P
   N-Channel MOSFET Transistor
More results

Podobny opis - IRF4410

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com