Zakładka z wyszukiwarką danych komponentów |
|
BTB16L-6-B-TA3-T Arkusz danych(PDF) 1 Page - Unisonic Technologies |
|
BTB16L-6-B-TA3-T Arkusz danych(HTML) 1 Page - Unisonic Technologies |
1 / 3 page UNISONIC TECHNOLOGIES CO., LTD BTB16 Preliminary TRIAC www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R401-044.b 16A TRIACS DESCRIPTION The UTC BTB16 is a 16A triacs which can be operated in 4 quadrants, it uses UTC’s advanced technology to provide customers with high commutation performances and voltage insulated tab, etc. The UTC BTB16 is suitable for AC switching application and phase control application such as fan speed and temperature modulation control, lighting control and static switching relay, either in through-hole or surface-mount packages. SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BTB16L-x-x-TA3-T BTB16G-x-x-TA3-T TO-220 MT1 MT2 G Tube SENSITIVITY AND TYPE PART NUMBER VOLTAGE SENSITIVITY TYPE 600V 800V B ◎ ◎ 50mA STANDARD C ◎ 25mA STANDARD ◎ : Available MARKING INFORMATION PACKAGE MARKING TO-220 |
Podobny numer części - BTB16L-6-B-TA3-T |
|
Podobny opis - BTB16L-6-B-TA3-T |