Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-7800A-500E Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-7800A-500E
Szczegółowy opis  15 kV/關s Common-Mode Rejection at VCM = 1000 V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A-500E Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7800A-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image

DC Electrical Specifications
Unless otherwise noted, all typicals and figures are at the nominal operating conditions of VIN+ = 0, VIN- = 0 V, VDD1 =
VDD2 = 5 V and TA = 25°C; all Min./Max. specifications are within the Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Fig.
Note
Input Offset Voltage
VOS
-2.0
0.3
2.0
mV
TA = 25°C
1,2
-3.0
3.0
-40°C < TA < +85°C,
-4.5 V < (VDD1, VDD2) < 5.5 V
Magnitude of Input Offset
Change vs. Temperature
|DVOS/DTA|
3.0
10.0
µV/°C
3
2
Gain (HCPL-7800A)
G1
7.92
8.00
8.08
V/V
-200 mV < VIN+ < 200 mV,
TA = 25°C,
4,5,6 3
Gain (HCPL-7800)
G3
7.76
8.00
8.24
Magnitude of VOUT
Gain Change vs.Temperature
|DG/DTA|
0.00025
V/V/°C
4
VOUT 200 mV Nonlinearity
NL200
0.0037
0.35
%
-200 mV < VIN+ < 200 mV
7,8
5
Magnitude of VOUT
200 mV Nonlinearity
Change vs. Temperature
|dNL200/dT|
0.0002
% / °C
VOUT 100 mV Nonlinearity
NL100
0.0027
0.2
%
-100 mV < VIN+ < 100 mV
6
Maximum Input Voltage
before VOUT Clipping
|VIN+|MAX
308.0
mV
9
Input Supply Current
IDD1
10.86
16.0
mA
VIN+ = 400 mV
10
7
Output Supply Current
IDD2
11.56
16.0
VIN+ = -400 mV
8
Input Current
IIN+
-0.5
5.0
µA
11
9
Magnitude of Input
Bias Current vs.
Temperature Coefficient
|dIIN/dT|
0.45
nA/°C
Output Low Voltage
VOL
1.29
V
10
Output High Voltage
VOH
3.80
V
Output Common-Mode
Voltage
VOCM
2.2
2.545
2.8
V
Output Short-Circuit
Current
|IOSC|
18.6
mA
11
Equivalent Input Impedance RIN
500
kW
VOUT Output Resistance
ROUT
15
W
Input DC Common-Mode
Rejection Ratio
CMRRIN
76
dB
12


Podobny numer części - HCPL-7800A-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-7800A-500 HP-HCPL-7800A-500 Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
More results

Podobny opis - HCPL-7800A-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A-000E AVAGO-HCPL-7800A-000E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800-500E AVAGO-HCPL-7800-500E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A-300E AVAGO-HCPL-7800A-300E Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
logo
Analog Devices
ADUM260N AD-ADUM260N Datasheet
364Kb / 23P
   High common-mode transient immunity: 100 kV/關s
ADUM250N AD-ADUM250N Datasheet
554Kb / 22P
   High common-mode transient immunity: 100 kV/關s
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
NXP Semiconductors
TDA8579T PHILIPS-TDA8579T_15 Datasheet
531Kb / 16P
   Dual common-mode rejection differential line receiver
Rev. 4-23 September 2013
logo
Texas Instruments
INA1650 TI1-INA1650 Datasheet
1Mb / 39P
[Old version datasheet]   SoundPlus High Common-Mode Rejection Line Receiver
logo
NXP Semiconductors
TDA8578 PHILIPS-TDA8578 Datasheet
55Kb / 13P
   Dual common-mode rejection differential line receiver
1995 Dec 15
logo
Analog Devices
SSM2141 AD-SSM2141_15 Datasheet
208Kb / 8P
   High Common-Mode Rejection Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com