Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA-7111A Arkusz danych(PDF) 11 Page - List of Unclassifed Manufacturers

Numer części SA-7111A
Szczegółowy opis  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7111A Arkusz danych(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SA-7111A Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 9Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 10Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 11Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 12Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 13Page - List of Unclassifed Manufacturers SA-7111A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
SA-7000
ROTARY CODED SWITCHES (SMD)
OUTLINE DIMESIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
● SA-7012B (Real code)
● SA-7032B (Complementary code)
<Low-profile side setting & forward support terminal type>
● SA-7112B (Real code)
● SA-7132B (Complementary code)
● SA-7212B (Real code)
● SA-7232B (Complementary code)
● SA-7052B (Real code)
● SA-7072B (Complementary code)
● SA-7152B (Real code)
● SA-7172B (Complementary code)
● SA-7252B (Real code)
● SA-7272B (Complementary code)
0.6 W
× 1.2 D
7.4
3.6
3
1
0
9
Production date code
Marking appears only with complementary code
3.4
1
1
5.08
1.27
5 – 0.5
2.5
0.6 W
× 2.8 L × 0.8 D
7.4
3.6
1
0
9
Production date code
Marking appears only with complementary code
3.4
1
1
5.08
1.27
5 – 0.5
0.6 W
× 2.8 L × 0.8 D
7.4
3.6
Production date code
Marking appears only with complementary code
3.4
1
1
5.08
1.27
5 – 0.5
0
F 1
0.6 W
× 1.2 D
7.4
3.6
3
Production date code
Marking appears only with complementary code
3.4
1
1
5.08
1.27
5 – 0.5
2.5
0
F 1
0.6 W
× 2.6 L × 0.8 D
7.4
3.6
1
0
9
Production date code
Marking appears only with complementary code
3.4
1
1
5.08
1.27
5 – 0.5
0.6 W
× 2.6 L × 0.8 D
7.4
3.6
Production date code
Marking appears only with complementary code
3.4
1
1
5.08
1.27
5 – 0.5
0
F 1


Podobny numer części - SA-7111A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
SA-7111A COPAL-SA-7111A Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Podobny opis - SA-7111A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com