Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-8888-01 Arkusz danych(PDF) 8 Page - Clare, Inc.

Numer części M-8888-01
Szczegółowy opis  DTMF Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-8888-01 Arkusz danych(HTML) 8 Page - Clare, Inc.

Back Button M-8888-01 Datasheet HTML 4Page - Clare, Inc. M-8888-01 Datasheet HTML 5Page - Clare, Inc. M-8888-01 Datasheet HTML 6Page - Clare, Inc. M-8888-01 Datasheet HTML 7Page - Clare, Inc. M-8888-01 Datasheet HTML 8Page - Clare, Inc. M-8888-01 Datasheet HTML 9Page - Clare, Inc. M-8888-01 Datasheet HTML 10Page - Clare, Inc. M-8888-01 Datasheet HTML 11Page - Clare, Inc. M-8888-01 Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DC Characteristics
Parameter
Symbol
Min
Typ*
Max
Units
Operating supply voltage
V
DD
4.75
5.0
5.25
V
Operating supply current
I
DD
-10
15
mA
Power consumption
P
O
-
50
78.75
mW
Inputs
High-level input voltage, OSC1
V
IHO
3.5
-
-
V
Low-level input voltage, OSC1
V
ILO
-
-
1.5
V
Input impedance (@ 1 KHz), IN+, IN-
R
IN
-10
-
M
Steering threshold voltage
V
TSt
2.2
2.3
2.5
V
Outputs
High-level output voltage (no load), OSC2
V
OHO
V
DD - 0.1V
-
-
V
Low-level output voltage (no load), OSC2
V
OLO
-
-
0.1
V
Output leakage current (V
OH = 2.4V), IRQ
I
OZ
-
1.0
10.0
µA
V
REF output voltage (no load)
V
REF
2.4
-
2.7
V
V
REF output resistance
R
OR
-
-
1.0
k
Data Bus
Low-level input voltage
V
IL
-
-
0.8
V
High-level input voltage
V
IH
2.0
-
-
V
Low-level output voltage (I
OL = 1.6 mA)
V
OL
-
-
0.4
V
High-level output voltage (I
OH = 400 µA)
V
OH
2.4
-
-
V
Input leakage current (V
IN = 0.4 to 2.4 V)
I
IZ
-
-
10.0
µA
All voltages referenced to V
SS unless otherwise noted. VDD = 5.0 V ± 5%; fC = 3.579545 MHz; TA = -40°C to +85°C unless otherwise noted.
*Typical values are for use as design aids only, and are not guaranteed or subject to production testing.
Parameter
Symbol
Value
Power supply voltage
(V
DD - VSS)VDD
+ 6.0 V max
Voltage on any pin
V
dc
V
SS -0.3 V to VDD + 0.3V
Current on any pin
I
DD
10 mA max
Operating temperature
T
A
-40°C to +85°C
Storage temperature
T
S
-65°C to +150°C
Note: Exceeding these ratings may cause permanent damage. Functional operation under these
conditions is not implied.
www.clare.com
8
M-8888
Rev. 1
Absolute Maximum Ratings
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.


Podobny numer części - M-8888-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-8888-01P CLARE-M-8888-01P Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888-01SM CLARE-M-8888-01SM Datasheet
457Kb / 14P
   DTMF Transceiver
M-8888-01T CLARE-M-8888-01T Datasheet
457Kb / 14P
   DTMF Transceiver
More results

Podobny opis - M-8888-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MSM7524 OKI-MSM7524 Datasheet
128Kb / 21P
   DTMF Transceiver
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
   DTMF Transceiver
logo
Clare, Inc.
M8880 CLARE-M8880 Datasheet
562Kb / 13P
   DTMF Transceiver
logo
LAPIS Semiconductor Co....
ML7005 LAPIS-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
Clare, Inc.
M8888-R1 CLARE-M8888-R1 Datasheet
457Kb / 14P
   DTMF Transceiver
logo
List of Unclassifed Man...
ML7005 ETC2-ML7005 Datasheet
474Kb / 26P
   DTMF Transceiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
logo
Clare, Inc.
M-8880 CLARE-M-8880 Datasheet
841Kb / 13P
   M-8880 DTMF Transceiver
logo
Zarlink Semiconductor I...
MT8889C ZARLINK-MT8889C Datasheet
494Kb / 31P
   Integrated DTMF Transceiver with Adaptive Micro Interface
MT8888C ZARLINK-MT8888C Datasheet
684Kb / 25P
   Integrated DTMF Transceiver with Intel Micro Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com