Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA-7271A Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części SA-7271A
Szczegółowy opis  ROTARY CODED SWITCHES (SMD)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SA-7271A Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  SA-7271A Datasheet HTML 1Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 2Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 3Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 4Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 5Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 6Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 7Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 8Page - List of Unclassifed Manufacturers SA-7271A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
CODE FORMAT
No. of positions
16 positions
10 positions
Position
01234567
8
9
ABC
DE
F
●●●●●●●●
●●●●
●●●●
●●
●●
●●
●●
●●●●●●●●
●●●●●●●●
●●●●
●●●●
●●
●●
●●
●●
●●●●●●●●
Code
Real code
8
4
2
1
8
4
2
1
Complemen-
tary code
● …Contact closed
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
SIZE OF P.C.B. PROCESSING
<Top setting>
● A type
● B type
<Low-profile side setting &
forward support terminal type (B type)>
<Side setting>
● A type
● B type
<Low-profile side setting &
sideling support terminal type (B type)>
(Unit: mm)
Note) The zero point is the center
of mounting.
1.6
6
1.27 N (N = 1~4) = 5.08
0.76
1.6
2
10.6
1.27 N (N = 1~4) = 5.08
0.76
2
0
6 – 1.2
2.54
2.54
0
6 – 1.2
2.54
2.54
0
6 – 1.6
2.54
2.54
2.54
0
6 – 1.6
2.54
SA-7000
ROTARY CODED SWITCHES (SMD)
6 –
0.8
φ
2.54
2.54
6 –
0.8
φ
2.54
2.54
<Top setting>
● C type
<Side setting>
● C type
Operating face


Podobny numer części - SA-7271A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
SA-7271A COPAL-SA-7271A Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
More results

Podobny opis - SA-7271A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
SA-7000 COPAL-SA-7000 Datasheet
930Kb / 14P
   ROTARY CODED SWITCHES (SMD)
SH-7000 COPAL-SH-7000 Datasheet
1Mb / 6P
   ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES (SMD)
logo
List of Unclassifed Man...
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
   ROTARY CODED SWITCHES (SMD)
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com