Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-986-2A1P Arkusz danych(PDF) 8 Page - Clare, Inc.

Numer części M-986-2A1P
Szczegółowy opis  MF Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

M-986-2A1P Arkusz danych(HTML) 8 Page - Clare, Inc.

Back Button M-986-2A1P Datasheet HTML 4Page - Clare, Inc. M-986-2A1P Datasheet HTML 5Page - Clare, Inc. M-986-2A1P Datasheet HTML 6Page - Clare, Inc. M-986-2A1P Datasheet HTML 7Page - Clare, Inc. M-986-2A1P Datasheet HTML 8Page - Clare, Inc. M-986-2A1P Datasheet HTML 9Page - Clare, Inc. M-986-2A1P Datasheet HTML 10Page - Clare, Inc. M-986-2A1P Datasheet HTML 11Page - Clare, Inc. M-986-2A1P Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.clare.com
8
M-986-2A1
Rev. 3
Pin Assignments
Reciever Characteristics
Parameter
Test Conditions
Min
Max
Unit
A
d
Detect amplitude
Per frequency
-30
-5
dBm0
A
nd
No-detect amplitude
Per frequency
-40
-30
dBm0
F
d
Detect with frequency offset
From nominal
±1.5%
-
Hz
+5Hz
TW
d
Detect with twist
High tone/low tone
±6
-
dB
T
on
Tone time
Reject
10
-
ms
T
int
Interrupted tone time
Reject
10
-
ms
T
i
Tone interpulse time
-
25
-
ms
KPL
d
KP long tone detect timeLong detect time
enabled
55
-
ms
KP
d
KP short tone detect timeLong detect time
disabled
30
-
ms
T
d
Tone detect time
-
30
-
ms
N
t
Noise tolerance
≤1 error in 25,000 digits
-
-20
dB
N
i
Impulse noise
≤1 error in 25,000 digits
-
-12
dB
P
60
60 Hz tolerance
≤1 error in 25,000 digits
-
81
dBrnc0
T
180
180 Hz tolerance
≤1 error in 25,000 digits
-
68
dBrnc0
M
t
Modulation products tolerance
2A-B and 2B-A products
-
-28
dB


Podobny numer części - M-986-2A1P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2P CLARE-M-986-2R2P Datasheet
520Kb / 13P
   MFC Transceivers
M-986-2R2PL CLARE-M-986-2R2PL Datasheet
520Kb / 13P
   MFC Transceivers
More results

Podobny opis - M-986-2A1P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GS Yuasa Battery Sales ...
MF038 GSYUASABATTERY-MF038 Datasheet
289Kb / 1P
   GS MF Battery
MF049 GSYUASABATTERY-MF049 Datasheet
260Kb / 1P
   GS MF Battery
logo
Rosenberger Hochfrequen...
L99-838-500 ROSENBERGER-L99-838-500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-838-1500 ROSENBERGER-L99-838-1500 Datasheet
772Kb / 2P
   MF CABLE ASSEMBLY
L99-839-500 ROSENBERGER-L99-839-500 Datasheet
124Kb / 2P
   MF CABLE ASSEMBLY
logo
GS Yuasa Battery Sales ...
MF072 GSYUASABATTERY-MF072 Datasheet
284Kb / 1P
   GS MF Battery
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
   Compatt Mk4 MF (Discontinued)
logo
List of Unclassifed Man...
A220D ETC-A220D Datasheet
112Kb / 1P
   FM-MF ZESILOVAC DEMODULATOR
logo
Clare, Inc.
M-993 CLARE-M-993 Datasheet
140Kb / 6P
   Region 1 MF Tone Generator
logo
Token Electronics Indus...
MF-2514W100RBP TOKEN-MF-2514W100RBP Datasheet
346Kb / 3P
   MF Metal Film Precision Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com