Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA34063ADTF Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KA34063ADTF
Szczegółowy opis  Operation From 3.0 to 40V Input
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA34063ADTF Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KA34063ADTF Datasheet HTML 1Page - Fairchild Semiconductor KA34063ADTF Datasheet HTML 2Page - Fairchild Semiconductor KA34063ADTF Datasheet HTML 3Page - Fairchild Semiconductor KA34063ADTF Datasheet HTML 4Page - Fairchild Semiconductor KA34063ADTF Datasheet HTML 5Page - Fairchild Semiconductor KA34063ADTF Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KA34063A
2
Absolute Maximum Ratings
Electrical Characteristics
(VCC = 5.0V, TA = 0
°C to +70°C , unless otherwise specified)
Note :
1. Output switch tests are performed under pulsed conditions to minimize power dissipation.
2. These parameters, although guaranteed, are not 100% tested in production.
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Comparator Input Voltage Range
VI(COMP)
-0.3 ~ +40
V
Switch Collector Voltage
VC(SW)
40
V
Switch Emitter Voltage
VE(SW)
40
V
Switch Collector To Emitter Voltage
VCE(SW)
40
V
Driver Collector Voltage
VC(DR)
40
V
Switch Current
ISW
1.5
A
Storage Temperature Range
TSTG
-65 ~ +150
°C
Parameter
Symbol
Conditions
Min.
Typ. Max.
Unit
OSCILLATOR
Charging Current
ICHG
VCC = 5 to 40V, TA = 25
°C22
31
42
µA
Discharging Current
IDISCHG
VCC = 5 to 40V, TA = 25
°C
140
190
260
µA
Oscillator Amplitude
V(OSC)
TA = 25
°C0.5
-
V
Discharge to Charge Current Ratio
K
V7 = VCC, TA = 25
°C
5.2
6.1
7.5
-
Current Limit Sense Voltage
VSENSE(C.L)
ICHG = IDISCHG
TA = 25
°C
250
300
350
mV
OUTPUT SWITCH
Saturation Voltage 1 (Note1)
VCE(SAT)1
ISW = 1.0A
VC(driver) = VC(SW)
-
0.95
1.3
V
Saturation Voltage 2 (Note1,2)
VCE(SAT)2
ISW = 1.0A,
VC(driver) = 50mA
-
0.45
0.7
V
DC Current Gain (Note1,2)
GI(DC)
ISW = 1.0A,
VCE = 5.0V, TA = 25
°C
50
180
-
-
Collector off State Current (Note1)
IC(OFF)
VCE = 40V, TA = 25
°C
-
0.01
100
µA
COMPARATOR
Threshold Voltage
VTH
-
1.21
1.24
1.29
V
Threshold Voltage Line Regulation
∆VTH
VCC = 3 to 40V
-
2.0
5.0
mV
Input Bias Current
IBIAS
VI = 0V
-
50
400
nA
TOTAL DEVICE
Supply Current
ICC
VCC = 5 to 40V, CT = 0.001uF
V7 = VCC, V5>VTH
pin2 = GND
-2.7
4.0
mA


Podobny numer części - KA34063ADTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA34063AD FAIRCHILD-KA34063AD Datasheet
42Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA34063AD ONSEMI-KA34063AD Datasheet
166Kb / 8P
   SMPS Controller
9/10/02 Rev. 1.0.1
More results

Podobny opis - KA34063ADTF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Monolithic Sys...
AMS34063 AMS-AMS34063 Datasheet
577Kb / 10P
   3V to 40V Input Voltage Operation
logo
M.S. Kennedy Corporatio...
MSK5500-15 MSK-MSK5500-15 Datasheet
491Kb / 5P
   Input Voltage from Vout Dropout to 40V
MSK0008 MSK-MSK0008_15 Datasheet
122Kb / 5P
   Single Supply Operation From 10V to 45V
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
logo
ams AG
AS1370 AMSCO-AS1370 Datasheet
969Kb / 28P
   Input voltage from 2.6V to 50V
logo
Hotchip Technology Co.,...
HT3402S HOTCHIP-HT3402S Datasheet
1Mb / 11P
   Wide Input Supply Range: 10V to 40V
logo
Guangdong Youtai Semico...
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
   Wide input voltage range 4.5V to 40V
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
   Wide 4.5V to 40V Input Voltage Range
logo
Maxim Integrated Produc...
MAX15049EVKIT MAXIM-MAX15049EVKIT Datasheet
837Kb / 7P
   Optional 4.5V to 5.5V Input-Voltage Operation
Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com