Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA60UP30L-T3P-T Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części UA60UP30L-T3P-T
Szczegółowy opis  ULTRAFAST RECOVERY POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA60UP30L-T3P-T Arkusz danych(HTML) 2 Page - Unisonic Technologies

  UA60UP30L-T3P-T Datasheet HTML 1Page - Unisonic Technologies UA60UP30L-T3P-T Datasheet HTML 2Page - Unisonic Technologies UA60UP30L-T3P-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UA60UP30
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-145.a
ABSOLUTE MAXIMUM RATINGS (per diode) TA=25°C unless otherwise noted
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VR
300
V
Working Peak Reverse Voltage
VRWM
300
V
Peak Repetitive Reverse Voltage
VRRM
300
V
Average Rectified Forward Current, TC=135°C
IF(AV)
30
A
Non-Repetitive Peak Surge Current
60Hz Single Half-Sine Wave
IFSM
300
A
Storage Temperature
TSTG
+150
°C
Operating Junction Temperature
TJ
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS TA=25°C unless otherwise noted
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Case
θJC
0.53
°C/W
ELECTRICAL CHARACTERISTICS (per diode) TA=25°C unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Instantaneous Forward Voltage (Note)
VF
IF=30A, TC=25°C
1.50
V
IF=30A, TC=150°C
1.30
V
Instantaneous Reverse Current (Note)
IR
VR=300V, TC=25°C
100
µA
VR=300V, TC=150°C
500
µA
Reverse Recovery Time
tRR
IF=1.0A, di/dt=100A/µs,
VCC=30V, TC=25°C
45
ns
IF=30A, di/dt=200A/µs,
VCC=195V, TC=25°C
55
ns
Recovered Charge
QRR
IF=30A, di/dt=200A/µs,
VCC=195V, TC=25°C
50
nC
Avalanche Energy
WAVL
L=20mH
20
mJ
Note: Pulse Test: Pulse Width=300µs, Duty Cycle=2.0%.


Podobny numer części - UA60UP30L-T3P-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UA6K UTC-UA6K Datasheet
156Kb / 3P
   GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
UA6K-AL6-R UTC-UA6K-AL6-R Datasheet
156Kb / 3P
   GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
UA6K-AL6-R UTC-UA6K-AL6-R Datasheet
151Kb / 3P
   GENERAL PURPOSE
UA6KL-AL6-R UTC-UA6KL-AL6-R Datasheet
156Kb / 3P
   GENERAL PURPOSE DUAL DIGITAL TRANSISTOR)
UA6KL-AL6-R UTC-UA6KL-AL6-R Datasheet
151Kb / 3P
   GENERAL PURPOSE
More results

Podobny opis - UA60UP30L-T3P-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com