Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X0202B Arkusz danych(PDF) 1 Page - Unisonic Technologies

Numer części X0202B
Szczegółowy opis  SENSITIVE SCRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202B Arkusz danych(HTML) 1 Page - Unisonic Technologies

  X0202B Datasheet HTML 1Page - Unisonic Technologies X0202B Datasheet HTML 2Page - Unisonic Technologies X0202B Datasheet HTML 3Page - Unisonic Technologies X0202B Datasheet HTML 4Page - Unisonic Technologies X0202B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
X0202/A/B
SCR
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R301-006.D
SENSITIVE SCRS
DESCRIPTION
The UTC X0202/A/B SCR series is suitable for all applications
where the available gate current is limited, such as ground fault
circuit interruptors, overvoltage crowbar protection in low power
supplies, capacitive ignition circuit, …….
FEATURES
* IT(RMS) : 1.25A
* VDRM/VRRM : 600/800/1000V
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
X0202L-AA3-R
X0202G-AA3-R
SOT-223
K
A
G
Tape Reel
X0202L-T92-B
X0202G-T92-B
TO-92
K
G
A
Tape Box
X0202L-T92-K
X0202G-T92-K
TO-92
K
G
A
Bulk
X0202L-T92-R
X0202G-T92-R
TO-92
K
G
A
Tape Reel
X0202xL-AA3-R
X0202xG-AA3-R
SOT-223
K
A
G
Tape Reel
X0202xL-T92-B
X0202xG-T92-B
TO-92
K
G
A
Tape Box
X0202xL-T92-K
X0202xG-T92-K
TO-92
K
G
A
Bulk
X0202xL-T92-R
X0202xG-T92-R
TO-92
K
G
A
Tape Reel
Note: Pin Assignment: G: Gate A: Anode K: Cathode


Podobny numer części - X0202B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202 UTC-X0202 Datasheet
332Kb / 5P
   SENSITIVE SCRS
X0202-AA3-R UTC-X0202-AA3-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-SOT-223 UTC-X0202-SOT-223 Datasheet
199Kb / 5P
   SCR
X0202-T92-B UTC-X0202-T92-B Datasheet
218Kb / 5P
   SENSITIVE SCRS
More results

Podobny opis - X0202B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
X0202 UTC-X0202 Datasheet
218Kb / 5P
   SENSITIVE SCRS
logo
Littelfuse
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com