Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X0405G-8-TD3-T Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części X0405G-8-TD3-T
Szczegółowy opis  4A SCR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0405G-8-TD3-T Arkusz danych(HTML) 2 Page - Unisonic Technologies

  X0405G-8-TD3-T Datasheet HTML 1Page - Unisonic Technologies X0405G-8-TD3-T Datasheet HTML 2Page - Unisonic Technologies X0405G-8-TD3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
X0405
Preliminary
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R301-021.a
ABSOLUTE MAXIMUM RATINGS (limiting values)
PARAMETER
SYMBOL
RATINGS
UNIT
Repetitive Peak Off-State Voltages
X0405-6
VDRM/VRRM
600
V
X0405-8
800
V
RMS On-State Current (180° Conduction
Angle)
Tl=60°C
IT(RMS)
4
A
TAMB=25°C
1.35
A
Average On-State Current (180° Conduction
Angle)
Tl=60°C
IT(AV)
2.5
A
TAMB=25°C
0.9
A
Non Repetitive Surge Peak On-State Current
tp=8.3ms, TJ=25°C
ITSM
33
A
tp=10ms, TJ=25°C
30
A
I
2t Value for Fusing
tp=10ms, TJ=25°C
I
2t
4.5
A
2s
Critical Rate of Rise of On-State Current
IG=2xIGT ,tr≤100ns
F=60Hz, TJ=125°C
dI/dt
50
A/µs
Peak Gate Current
tp=20µs, TJ=125°C
IGM
1.2
A
Average Gate Power Dissipation
TJ=125°C
PG(AV)
0.2
W
Storage Junction Temperature
TSTG
-40~+150
°C
Operating Junction Temperature
TJ
-40~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (DC)
θJA
100
°C/W
Junction to Case (DC)
θJC
15
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25˚C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Gate Trigger Current
IGT
VD=12V, RL=140Ω
20
50
µA
Gate Trigger Voltage
VGT
0.8
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3kΩ, RGK=1kΩ, TJ=125°C 0.1
V
Repetitive Gate Voltage
VRG
IRG=10µA
8
V
Holding Current
IH
IT=50mA, RGK=1kΩ
5
mA
Latching Current
IL
IG=1mA, RGK=1kΩ
6
mA
Critical Rate of Rise of Off-State
Voltage
dV/dt
VD=67%VDRM, RGK=1kΩ, TJ=110°C
15
V/µs
Peak On-State Voltage
VTM
ITM=8A, tp=380μs, TJ=25°C
1.8
V
Threshold Voltage
VTO
TJ=125°C
0.95
V
Dynamic Resistance
RD
TJ=125°C
100
mΩ
Repetitive Peak Off-State Current
IDRM
VDRM=VRRM, RGK=1kΩ, TJ=25°C
5
µA
IRRM
VDRM=VRRM, RGK=1kΩ, TJ=125°C
1
mA


Podobny numer części - X0405G-8-TD3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zibo Seno Electronic En...
X0405 ZSELEC-X0405 Datasheet
264Kb / 4P
   4A SCRs
logo
DONGGUAN YOU FENG WEI E...
X0405 YFWDIODE-X0405 Datasheet
621Kb / 4P
   4A gate-level sensitive one-way thyristor
logo
Inchange Semiconductor ...
X0405 ISC-X0405 Datasheet
267Kb / 2P
   isc Thyristors
logo
STMicroelectronics
X0405BE STMICROELECTRONICS-X0405BE Datasheet
677Kb / 6P
   SENSITINE GATE SCR
X0405BF STMICROELECTRONICS-X0405BF Datasheet
677Kb / 6P
   SENSITINE GATE SCR
More results

Podobny opis - X0405G-8-TD3-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Silicon Co., Ltd
C106DB FS-C106DB Datasheet
511Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
C106M-Z FS-C106M-Z Datasheet
558Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
C106B FS-C106B Datasheet
516Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
MCR703A FS-MCR703A Datasheet
550Kb / 2P
   Silicon Planar PNPN Thyristor (4A SCR)
2022. 03. 29 Revision No : 0
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com