Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TD-8292 Arkusz danych(PDF) 2 Page - Clare, Inc.

Numer części TD-8292
Szczegółowy opis  MICROWAVE NOISE TUBES & NOISE SOURCES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.

TD-8292 Arkusz danych(HTML) 2 Page - Clare, Inc.

  TD-8292 Datasheet HTML 1Page - Clare, Inc. TD-8292 Datasheet HTML 2Page - Clare, Inc. TD-8292 Datasheet HTML 3Page - Clare, Inc. TD-8292 Datasheet HTML 4Page - Clare, Inc. TD-8292 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MICROWAVE NOISE TUBES & NOISE SOURCES
572
North America: 1-800-CPCLARE
Europe: 32-11-300868
Asia: 886-2-2523-6368
Japan: 81-3-3980-2212
TD/TN Series
All characteristics at 25˚C.
FREQUENCY
BAND
WAVE-
PART # /
PACKAGE
MOUNT
RECOMMENDED
MINIMUM
DC ANODE
TUBE DROP
TUBE-IN
RANGE
GUIDE
EIA TYPE
OUTLINE
TYPE
MODE OF
STARTING
STARTING
(VDC)
MOUNT
(GHz)
NUMBER
OPERATION(1)
VOLTAGE SPIKE
CURRENT
ENR
(kV)
(mA)
(dB)
1.12-1.70
L
WR-650
TD-21/6881
1
90
°H
DC
4.0
250
65
15.20(2)
TD-29/7101
1a
90
°H
AC,DC
4.5
250
130
18.00(2)
(1.20-1.40 only)
TD-33/7147
1a
90
°H
AC,DC
4.0
250
75
15.20(2)
TD-49
1
90
°H
pulse
4.0
200
125
15.20(2)
TD-62/7992
1
90
°H
DC
4.5
250
~145
18.00(2)
TD-75
1
90
°H
pulse
4.5
200
235
18.00(2)
TD-91
special
10
°E
DC
7.0
250
230
15.20(2)
2.60-3.95
S
WR-284
TD-12/6358
2
10
°E
DC
2.7
250
80
15.20
TD-22/6782
special
90
°H
AC,DC
2.0
250
45
8.85
TD-31
2a
10
°E
AC,DC
2.7
250
90
15.20
TD-32
2a
10
°E
AC,DC
2.7
250
170
17.80
TD-34/7148
2
10
°E
DC
2.7
250
160
17.75
TD-38/8151
2
10
°E
pulse
3.3
200
145
15.27
TD-56/8286
2
10
°E
pulse
3.5
200
265
17.90
TD-82
special
90
°E
DC
0.9
75
55
18
3.30-4.90
S
WR-229
TD-24
special
10
°E
AC,DC
2.5
250
60
15.30
TD-30
special
10
°E
AC,DC
2.5
250
110
1
3.95-5.85
C(G)
WR-187
TD-10/6356
3
10
°E
DC
3.1
250
70
15.32
TD-39/7999
3
10
°E
pulse
3.5
175
140
15.50
TD-43/8287
3
10
°E
pulse
3.5
175
210
17.85
TD-48/7989
3
10
°E
DC
2.7
250
135
17.70
TD-83
special
90
°E
DC
0.9
100
55
18.90
5.85-8.20
X(J)
WR-137
TD-10/6356
3
10
°E
DC
3.1
250
75
15.65
TD-39/7999
3
10
°E
pulse
3.5
175
140
15.50
TD-43/8287
3
10
°E
pulse
3.5
175
210
17.90
TD-48/7989
3
10
°E
DC
2.7
250
135
17.75
TD-67/8288
3
15
°E
pulse
3.5
150
225
18.00
8.20-12.40
X
WR-90
TD-11/6357
4
10
°E
DC
2.7
200
75
15.60
TD-23/6882
4
10
°E
DC
2.7
200
115
18.00
TD-40/8152
4
10
°E
pulse
3.3
175
125
15.60
TD-44/7988
4
10
°E
pulse
3.5
175
205
18.00
TD-58/8293
4
10
°E
pulse
3.5
175
208
17.75
TD-72/8059
4
10
°E
pulse
3.3
175
133
15.56
TD-73
special
90
°E
DC
0.9
100
54
14.50
TD-93B
special
90
°E
pulse
0.9
100
165
14.50
TD-114
special
10
°E
DC
1.5
200
90
15.30
12.40-18.00
Ku
WR-62
TD-18/6684
5
10
°E
DC
2.7
200
70
15.80
TD-41/8030
5
10
°E
pulse
3.3
175
130
15.85
TD-46
special
20
°E
AC,DC
~1.2
100
35
15.20(2)
TD-54/7991
5
10
°E
DC
2.7
200
130
18.00
TD-55/8290
5
10
°E
pulse
3.5
175
230
17.85
TD-92
5
10
°E
pulse
3.5
175
125
15.65
18.00-26.50
K
WR-42
TD-13/6359
6
10
°E
pulse
2.7
200
68
15.90
TD-42/8031
6
10
°E
DC
3.3
175
125
16.00
TD-50/7990
6
10
°E
pulse
2.7
200
157
18.05
TD-51/8291
6
10
°E
DC
3.5
175
260
17.90
TD-81
special
10
°E
DC
3.3
150
148
16.15
26.50-40.00
Ka
WR-28
TD-76/7993
special
10
°E
DC
2.7
125
130
16.0
TD-77/8292
special
10
°E
pulse
3.0
100
175
16.0
(1) DC operation — cathode at one end only.
AC,DC operation — cathodes at both ends.
Pulse operation — cathode at one end specially designed for pulse operation. If the anode current during the “on” time of a square wave pulse (>100
µs duration) is nominally the
same as the rated DC anode current, the tube drop during this period will be approximately the same as the rated DC tube drop.
(2) Excess noise ratio of tube only.
TD SERIES GAS DISCHARGE NOISE SOURCE TUBES
with Filamentary or Hollow Cathodes


Podobny numer części - TD-8292

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TP-Link Technologies Co...
TD-8616 TP-LINK-TD-8616 Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
1Mb / 3P
   300Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
1Mb / 2P
   150Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
1Mb / 3P
   300Mbps Wireless N Router
TD-8616 TP-LINK-TD-8616 Datasheet
656Kb / 3P
   300Mbps Wireless N Router
More results

Podobny opis - TD-8292

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micronetics, Inc.
NSL2 MICRONETICS-NSL2 Datasheet
452Kb / 2P
   BROADBAND COAXIAL MICROWAVE NOISE SOURCES
RFN25L MICRONETICS-RFN25L Datasheet
517Kb / 2P
   FULLBAND CALIBRATED MICROWAVE NOISE SOURCES
RFN55L MICRONETICS-RFN55L Datasheet
91Kb / 3P
   FULLBAND HIGH ENR MICROWAVE NOISE SOURCES
logo
Fairchild Semiconductor
AN-6605 FAIRCHILD-AN-6605 Datasheet
703Kb / 5P
   Noise of Sources
logo
Micronetics, Inc.
RFN25L MICRONETICS-RFN25L Datasheet
115Kb / 2P
   Fullband Microwave Noise Sources 1 GHz to 2 GHz
RFN25S MICRONETICS-RFN25S Datasheet
92Kb / 2P
   Fullband Microwave Noise Sources 2 GHz to 4 GHz
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Keysight Technologies
N4000A KEYSIGHT-N4000A Datasheet
2Mb / 13P
   SNS Series Noise Sources
logo
Micronetics, Inc.
NZG-5-20K MICRONETICS-NZG-5-20K Datasheet
551Kb / 1P
   NOIZEG BASEBAND NOISE SOURCES
NSL2-B MICRONETICS-NSL2-B Datasheet
52Kb / 2P
   Broadband Microwave Coaxial Noise Sources 1 MHz to 1000 MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com