Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NEXA104Z55V215x155F Arkusz danych(PDF) 1 Page - NIC-Components Corp.

Numer części NEXA104Z55V215x155F
Szczegółowy opis  Memory Back-Up Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NIC [NIC-Components Corp.]
Strona internetowa  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEXA104Z55V215x155F Arkusz danych(HTML) 1 Page - NIC-Components Corp.

  NEXA104Z55V215x155F Datasheet HTML 1Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEXA Series
FEATURES
• DOUBLE LAYER CONSTRUCTION
• VERY HIGH CURRENT DISCHARGE (UP TO 1 AMP)
• IDEAL AS MEMORY BACK-UP POWER SUPPLY
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
NIC P/N
Capacitance Value (F)
Charge Discharge
Rated Voltage
(VDC)
Max. Current @
30 minutes (mA)
Max. ESR @
1KHz (
Ω)
Typical DCR
(
Ω)
NEXA223Z11V16x25F
0.022
0.035
11
0.066
20
33
NEXA473Z5.5V15x15.5F
0.047
0.075
5.5
0.071
20
17
NEXA104Z5.5V21.5 x 15.5F
0.1
0.16
5.5
0.15
8
8
NEXA104Z11V28.5x25.5F
0.1
0.16
11
0.30
8
6.4
NEXA224Z5.5V28.5x16.5F
0.22
0.35
5.5
0.33
5
4.5
NEXA224Z11V36.5x27.5F
0.22
0.35
11
0.66
6
3.1
NEXA474Z5.5V36.5x16.5F
0.47
0.75
5.5
0.71
3.5
2.2
NEXA474Z11V44.5x28.5F
0.47
0.75
11
1.41
4
2.1
NEXA105Z5.5V44.5x18.5F
1.0
1.6
5.5
1.5
2.5
1.1
Rated Voltage Range
5.5 ~ 11VDC
Rated Capacitance Range
0.022F ~ 1.0F (22,000
μF ~ 1,000,000μF)
Operating Temp. Range
-25°C ~ +70°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 70°C
1,000 hours
Δ Capacitance Change
Less than -15% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 200% of the specified maximum value
Temperature Cycling
(5 cycles, -25 ~ +70°C
Δ Capacitance Change
Within +80%/-20% of specified value
Maximum ESR
Less than specified maximum value
Current at 30 minutes
Less than specified maximum value
Humidity Resistance
(240 hours @ 40°C/90% RH)
Δ Capacitance Change
Less than -10% of initial measured value
Maximum ESR
Less than 120% of the specified maximum value
Current at 30 minutes
Less than 120% of the specified maximum value
NIC P/N
DIMENSIONS (mm)
DH
S
LL
d1
d2
NEXA223Z11V16x25F
16.0
25
5.1
5.0
0.4
1.2
NEXA473Z5.5V15x15.5F
16.0
15.5
5.1
5.0
0.4
1.2
NEXA104Z5.5V21.5x15.5F
21.5
15.5
7.6
5.5
0.6
1.2
NEXA104Z11V28.5x25.5F
28.5
25.5
10.2
9.5
0.6
1.4
NEXA224Z5.5V28.5x16.5F
28.5
16.5
10.2
9.5
0.6
1.4
NEXA224Z11V36.5x27.5F
36.5
27.5
15
9.5
1.0
1.4
NEXA474Z5.5V36.5x16.5F
36.5
16.5
15
9.5
0.6
1.7
NEXA474Z11V44.5x28.5F
44.5
28.5
20
9.5
1.0
1.4
NEXA105Z5.5V44.5x18.5F
44.5
18.5
20
9.5
1.0
1.4
CASE DIMENSIONS (mm)
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
TERMINATION FINISH:
Pb-FREE (99%Sn/1%Cu)
+
-
H max.
S ±0.5
D ±0.5
LL min.
0.3mm m
in.
d1 ±0.1
d2 ±0.1
+
-


Podobny numer części - NEXA104Z55V215x155F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEKTRONIX, INC.
NEX-DDR2MP60BSC TEKTRONIX-NEX-DDR2MP60BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP60BSCSK TEKTRONIX-NEX-DDR2MP60BSCSK Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSC TEKTRONIX-NEX-DDR2MP84BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR2MP84BSCSK TEKTRONIX-NEX-DDR2MP84BSCSK Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
NEX-DDR3MP78BSC TEKTRONIX-NEX-DDR3MP78BSC Datasheet
7Mb / 46P
   Digital and Mixed Signal Oscilloscopes
More results

Podobny opis - NEXA104Z55V215x155F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
   Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
   Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
   Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
   Memory Back-Up Capacitors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com