Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-6466 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części P-6466
Szczegółowy opis  POWER TRANS FORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

P-6466 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  P-6466 Datasheet HTML 1Page - List of Unclassifed Manufacturers P-6466 Datasheet HTML 2Page - List of Unclassifed Manufacturers P-6466 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

www.stancor.com
P O W E R T R A N S F O R M E R S
All Primaries 50/60 Hz.
Single Secondary
Insulation
DImensIons-Inches
sTAncoR
Test
PART
Primary
secondary
Rms
Termination
case
mounting
Weight
Agency
sec. nUmBeR
Volts
Volts
Amps. style
Volts
Pri.
sec.
h
W
D
mW
mD
(lbs.) certification
A
P-8666
117
24.0 C.T.
12.0
NV
1500
Leads
Leads
4.63
3.75
4.63
3.00
3.19
11.2
P-6469
117
25.2
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
P-8707
230
25.2
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
P-8180
117
25.2 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.25
2.81
-
1.40
-
B
P-8357
117
25.2 C.T.
2.00
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.20
P-8574
115/230
25.2 C.T.
2.00
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.20
P-8388
117
25.2 C.T.
2.80
A
1500
Leads
Leads
2.63
4.00
2.25
3.56
-
2.20
-
P-8607‡
117
26.0 C.T.
0.25
A
2500
Leads
Leads
1.75
2.88
1.75
2.38
-
0.70
-
C
P-8609
117
26.8 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.30
-
P-8601
117
28.0 C.T.
0.175
A
1500
Leads
Leads
1.38
2.38
1.50
2.00
-
0.35
-
P-8602
117
28.0 C.T.
0.30
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
-
P-8667
117
28.0 C.T.
1.00
A
1500
Leads
Leads
2.00
3.25
2.13
2.81
-
1.40
-
D
P-8668
117
28.0 C.T.
2.00
NV
1500
Leads
Leads
3.13
2.50
2.50
2.00
2.19
2.90
-
P-8669
117
28.0 C.T.
4.00
NV
1500
Leads
Leads
3.88
3.19
3.25
2.50
2.50
5.30
-
P-8670
117
28.0 C.T.
6.00
NV
1500
Leads
Leads
4.25
3.44
3.50
2.75
2.63
7.00
-
P-8611
117
36.0 C.T.
0.135
A
1500
Leads
Leads
1.38
2.38
1.38
2.00
-
0.35
-
E
P-8612
117
36.0 C.T.
0.30
A
1500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.60
-
P-8613
117
36.0 C.T.
0.55
A
1500
Leads
Leads
2.00
3.25
1.88
2.81
-
1.00
-
P-8671
117
36.0 C.T.
1.00
A
1500
Leads
Leads
2.38
3.75
2.25
3.13
-
2.00
-
P-8672
117
36.0 C.T.
2.00
NV
1500
Leads
Leads
3.50
2.81
2.75
2.25
2.13
3.50
-
F
P-8673
117
36.0 C.T.
4.00
NV
1500
Leads
Leads
4.19
3.50
2.88
2.75
2.38
6.00
-
P-8674
117
36.0 C.T.
6.00
NV
1500
Leads
Leads
4.25
3.75
3.06
3.00
2.47
8.30
-
P-8542
115/230
40.0 C.T.
0.25
A
2500
Leads
Leads
1.75
2.88
1.63
2.38
-
0.80
-
P-8566
115
40.0 C.T.
4.00
NV
1500
Leads
Leads
3.81
3.19
3.50
2.50
2.88
6.40
-
P-8605‡‡
117
48.0 C.T.
1.00
A
2500
Leads
Leads
2.63
4.00
2.38
3.56
-
2.30
-
For outline drawings refer to page 12.
‡ Primary Tapped to Provide Secondary Voltages of 24.5 C.T., 27.5 C.T. or 29.0 C.T.
‡ ‡ Primary Tapped to Provide Secondary Voltages of 45 C.T., 48 C.T. 51 C.T. or 54 C.T.
styleA
stylenV
stylec
Agency Certification Note: UL Recognized (File E68100, Guide #XPTQ2)
sTAncoR
Insulation
DImensIons-Inches
PART
Primary
secondary
Test
Termination
case
mounting
Weight
Agency
sec. nUmBeR Volts
Volts
Amps
style
RmsVolts
Primary
secondary
h
W
D
mW
mD
(lbs.)
certif.
G
P-8684**
115
18.0 C.T.
1.00
NH
1500
Lugs
Lugs
2.56
3.00
2.50
2.50
2.00
2.3
-
18.0 C.T.
1.00
For outline drawings refer to page 12.
** For 60 Hz. only
Single Primary, Dual Secondary


Podobny numer części - P-6466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
300Kb / 1P
   POWER TRANSFORMERS
More results

Podobny opis - P-6466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LB-12230 ETC2-LB-12230 Datasheet
312Kb / 2P
   PRINTED CIRCUIT TRANS FORMERS
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
EPCOS
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
B66305G0000X130 EPCOS-B66305G0000X130_10 Datasheet
465Kb / 9P
   EF coil formers
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
logo
TRIAD MAGNETICS
FS56-350 TRIAD-FS56-350 Datasheet
47Kb / 1P
   POWER TRANS FORMER, PC MOUNT:SPLIT PACK
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com