Zakładka z wyszukiwarką danych komponentów |
|
P-8655 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
P-8655 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 3 page P O W E R T R A N S F O R M E R S www.stancor.com Single Secondary All Primaries 50/60 Hz. For outline drawings refer to page 12. Insulation DImensIons-Inches sTAncoR Test PART Primary secondary Rms Termination case mounting Weight Agency✳ sec. nUmBeR Volts Volts Amps. style Volts Pri. sec. h W D mW mD (lbs.) certification A P-8130 117 12.6 C.T. 2.00 A 1500 Leads Leads 2.00 3.25 2.13 2.81 - 1.40 P-8715 230 12.6 C.T. 2.00 A 1500 Leads Leads 2.00 3.25 2.13 2.81 - 1.40 - P-8358 117 12.6 C.T. 3.00 A 1500 Leads Leads 2.38 3.75 2.25 3.13 - 1.60 - P-8641 117 12.6 C.T. 4.00 A 1500 Leads Leads 2.62 4.00 2.38 3.56 - 2.30 - B P-8644 117 12.6 C.T. 10.0 C 1500 Leads Leads 4.25 3.44 3.38 2.75 2.69 6.30 - P-8553 115 14.0 C.T. 0.25 A 1500 Leads Leads 1.38 2.38 1.44 2.00 - 0.40 - P-8555 115 14.0 C.T. 1.00 A 1500 Leads Leads 2.00 3.25 1.75 2.81 - 1.20 - P-8557 115 14.0 C.T. 4.00 NV 1500 Leads Leads 3.00 2.56 2.44 2.00 2.25 3.00 - C P-8558 115 14.0 C.T. 6.00 NV 1500 Leads Leads 3.50 2.81 2.88 2.25 2.38 4.00 - P-8691 115 18.0 C.T. 1.00 A 1500 Leads Leads 2.00 3.31 2.13 2.81 - 1.50 - P-8692 115 18.0 C.T. 1.50 A 1500 Leads Leads 2.38 3.75 2.13 3.13 - 1.70 - P-8693 115 18.0 C.T. 2.00 A 1500 Leads Leads 2.38 3.75 2.25 3.13 - 2.00 - D P-8504 115/230 20.0 C.T. 0.25 A 2500 Leads Leads 1.44 2.38 1.38 2.00 - 0.40 - P-8505 115/230 20.0 C.T. 0.30 A 2500 Leads Leads 1.44 2.38 1.38 2.00 - 0.60 - P-8507 115/230 20.0 C.T. 0.50 A 2500 Leads Leads 1.75 2.88 1.63 2.38 - 0.80 - P-8508 115/230 20.0 C.T. 1.00 A 2500 Leads Leads 2.00 3.25 2.25 2.81 - 1.40 - E P-8604 117 20.0 C.T. 1.00 A 1500 Leads Leads 2.00 3.25 2.13 2.81 - 1.40 P-8559 115 20.0 C.T. 2.00 A 1500 Leads Leads 2.56 4.00 2.25 3.56 - 2.50 - P-8560 115 20.0 C.T. 4.00 NV 1500 Leads Leads 3.50 2.81 3.06 2.25 2.06 4.00 - P-8551 115 24.0 1.00 A 1500 Leads Leads 1.94 3.25 2.13 2.81 - 1.40 - F P-8694 115 24.0 2.00 A 1500 Leads Leads 2.63 4.00 2.00 3.56 - 2.30 - P-8394 117 24.0 C.T. 0.085 A 1500 Leads Leads 1.25 2.13 1.25 1.75 - 0.25 - P-8395 117 24.0 C.T. 0.20 A 1500 Leads Leads 1.38 2.38 1.38 2.00 - 0.35 P-8721 230 24.0 C.T. 0.20 A 1500 Leads Leads 1.38 2.38 1.38 2.00 - 0.35 - G P-8578 115/230 24.0 C.T. 0.20 A 1500 Leads Leads 1.38 2.38 1.50 2.00 - 0.30 - P-8396 117 24.0 C.T. 0.40 A 1500 Leads Leads 1.75 2.88 1.63 2.38 - 0.60 P-8722 230 24.0 C.T. 0.40 A 1500 Leads Leads 1.75 2.88 1.63 2.38 - 0.60 - P-8397 117 24.0 C.T. 0.70 A 1500 Leads Leads 2.00 3.25 1.75 2.81 - 0.85 H P-8723 230 24.0 C.T. 0.70 A 1500 Leads Leads 2.00 3.25 1.75 2.81 - 0.85 - P-8661 117 24.0 C.T. 1.00 A 1500 Leads Leads 2.00 3.25 2.06 2.81 - 1.40 P-8575 115/230 24.0 C.T. 1.00 A 1500 Leads Leads 2.00 3.25 2.06 2.81 - 1.30 P-8662 117 24.0 C.T. 2.00 A 1500 Leads Leads 2.62 4.00 2.38 3.56 - 2.30 - I P-8663 117 24.0 C.T. 4.00 NV 1500 Leads Leads 3.88 3.19 2.81 2.50 2.13 4.00 P-8664 117 24.0 C.T. 6.00 NV 1500 Leads Leads 4.19 3.44 3.00 2.75 2.25 5.70 - P-8665 117 24.0 C.T. 8.00 NV 1500 Leads Leads 4.19 3.44 3.38 2.75 2.75 7.30 - P-8695 115 24.0 C.T. 10.0 NV 1500 Leads Leads 4.31 3.44 3.50 2.75 3.13 8.00 - styleA stylenV stylec ✳ Agency Certification Note: UL Recognized (File E68100, Guide #XPTQ2) |
Podobny numer części - P-8655 |
|
Podobny opis - P-8655 |