Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB24NM60N Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STB24NM60N
Szczegółowy opis  N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB24NM60N Arkusz danych(HTML) 3 Page - STMicroelectronics

  STB24NM60N Datasheet HTML 1Page - STMicroelectronics STB24NM60N Datasheet HTML 2Page - STMicroelectronics STB24NM60N Datasheet HTML 3Page - STMicroelectronics STB24NM60N Datasheet HTML 4Page - STMicroelectronics STB24NM60N Datasheet HTML 5Page - STMicroelectronics STB24NM60N Datasheet HTML 6Page - STMicroelectronics STB24NM60N Datasheet HTML 7Page - STMicroelectronics STB24NM60N Datasheet HTML 8Page - STMicroelectronics STB24NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STB24NM60N
Electrical ratings
Doc ID 010008 Rev 1
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
17
A
ID
Drain current (continuous) at TC = 100 °C
11
A
IDM
(1)
1.
Pulse width limited by safe operating area.
Drain current (pulsed)
68
A
PTOT
Total dissipation at TC = 25 °C
125
W
dv/dt(2)
2.
ISD ≤ 17 A, di/dt ≤ 400 A/µs, peak VDS ≤V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max.
1
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max.
30
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by TJ max)
6A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAS, VDD = 50 V)
300
mJ


Podobny numer części - STB24NM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
STB24NM60N ISC-STB24NM60N Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - STB24NM60N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
   N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STB22NM60N STMICROELECTRONICS-STB22NM60N Datasheet
994Kb / 23P
   N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
STW55NM60N STMICROELECTRONICS-STW55NM60N Datasheet
329Kb / 12P
   N-channel 600 V, 0.047 ?? 51 A, MDmesh??II Power MOSFET TO-247
July 2008 Rev 4
STF24N60M2 STMICROELECTRONICS-STF24N60M2 Datasheet
1Mb / 14P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in TO-220FP and I2PAKFP packages
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
   N-channel 600 V, 0.168 ??typ., 18 A MDmesh??M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STFI34NM60N STMICROELECTRONICS-STFI34NM60N Datasheet
851Kb / 1P
   N-channel 600 V, 0.092, 31.5 A MDmesh II Power MOSFET in a PAKFP package
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
   N-channel 600 V, 0.05 廓, 45 A TO-247 MDmesh??II Power MOSFET
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
   N-channel 600 V, 0.135 ?? 20 A MDmesh??II Power MOSFET in TO-220FP
January 2010 Rev 1
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
   N-channel 600 V, 0.075 廓, 35 A MDmesh??II Power MOSFET TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com