Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM12B-SHLS-TF Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SM12B-SHLS-TF
Szczegółowy opis  1.0mm pitch/Disconnectable Crimp style connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM12B-SHLS-TF Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SM12B-SHLS-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers SM12B-SHLS-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
SHL CONNECTOR
1.0mm pitch/Disconnectable Crimp style connectors
Emboss Tape
1
0.6
0.9
1
7.2
0.7
4.3
Header outline
1
0.9
0.6
PC board
(1.55)
1.6
Header outline
7.2
1.2
4.3
Normal type
Offset type
2
0.5
0.8
4.75
2.35
0.8
0.4
SSHL-003T-P0.2
0.032∼0.08
32∼28
0.4∼0.8
41,000
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG#
Insulation O.D. (mm)
Phosphor bronze, tin-plated (reflow treatment)
Contact
Crimping
machine
AP-K2N
MKS-L-10-3
*MKS-SC
MK/SSH/L-003-02
SC/SSH/L-003-02
Applicator
Crimp applicator
Dies
APLMK SSH/L003-02
APLSC SSH/L003-02
Crimp applicator with dies
SSHL-003T-P0.2
• Thin design
• Low insertion force
• Deformation preventive design
Specifications –––––––––––––––––––
• Current rating: 1.0A AC, DC (AWG #28)
• Voltage rating: 50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 20m
Ω max.
After environmental testing/ 40m
Ω max.
• Insulation resistance: 100M
Ω min.
• Withstanding voltage: 500V AC/minute
• Applicable wire: AWG #32 to #28
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. The dimensions above should serve as a guideline. Contact JST for details.
Contact
RoHS compliance
Note: Contact JST for gold-plated products.
Note: *Strip-crimp applicator
Contact JST for applicable wires in case that it is not usable due to wire size.


Podobny numer części - SM12B-SHLS-TF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM12B-SRSS-TB ETC1-SM12B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
logo
Lightel Technologies IN...
SM12B-SRSS-TB LIGHTEL-SM12B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM12B-SRSS-TB ETC2-SM12B-SRSS-TB Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
SM12B-SSR-H-TB ETC2-SM12B-SSR-H-TB Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
SM12B-SURS-TF ETC2-SM12B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
More results

Podobny opis - SM12B-SHLS-TF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SHDR-30V-S-B ETC2-SHDR-30V-S-B Datasheet
169Kb / 3P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com