Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-00207-0 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-00207-0
Szczegółowy opis  Safety Plunger Clip Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-00207-0 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-00207-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• Safety Plunger Clip Adapter
• Length: 2.23” (56.64 mm)
• Material: Cap & Body: Nylon; Spring: Stainless steel
Contact: Beryllium copper
Rating: 1000 Volts, 15 Amps
Part Number:
BU-00207-*
Description:
Safety Plunger Clip
2607
Adapter


Podobny numer części - BU-00207-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-00201-0 ETC2-BU-00201-0 Datasheet
49Kb / 1P
   Plunger Clip
BU-00201-2 ETC2-BU-00201-2 Datasheet
49Kb / 1P
   Plunger Clip
BU-00202-0 ETC2-BU-00202-0 Datasheet
49Kb / 1P
   Plunger Clip
BU-00202-2 ETC2-BU-00202-2 Datasheet
49Kb / 1P
   Plunger Clip
BU-00203-0 ETC2-BU-00203-0 Datasheet
49Kb / 1P
   Plunger Clip
More results

Podobny opis - BU-00207-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-00201-0 ETC2-BU-00201-0 Datasheet
49Kb / 1P
   Plunger Clip
BU-00208-0 ETC2-BU-00208-0 Datasheet
51Kb / 1P
   Mini-Micro Plunger Clip
BU-20432-0 ETC2-BU-20432-0 Datasheet
49Kb / 1P
   Right Angle Insulated Plunger Clamp Clip
BU-1111-A-12-0 ETC2-BU-1111-A-12-0 Datasheet
65Kb / 1P
   Mini-plunger Clip On Both Ends
BU-20431-0 ETC2-BU-20431-0 Datasheet
53Kb / 1P
   Right Angle Insulated Plunger Hook Clip
BU-00209-0 ETC2-BU-00209-0 Datasheet
199Kb / 1P
   UL Listed Threaded Safety Plunger
BU-20434-0 ETC2-BU-20434-0 Datasheet
51Kb / 1P
   Right Angle Insulated Plunger Jaw Clip
BU-1010-A-12-0 ETC2-BU-1010-A-12-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
BU-1010-A-60-0 ETC2-BU-1010-A-60-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
BU-65-0 ETC2-BU-65-0 Datasheet
53Kb / 1P
   Large Safety Alligator Clip
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com