Zakładka z wyszukiwarką danych komponentów |
|
1N4745A Arkusz danych(PDF) 2 Page - Dc Components |
|
1N4745A Arkusz danych(HTML) 2 Page - Dc Components |
2 / 2 page Breakdown characteristics 1N47-SERIES mA 240 200 160 120 80 0 5V 10V 15V 20V 25V 30V IZ VZ R DC COMPONENTS CO., LTD. RATING AND CHARACTERISTIC CURVES (1N4728A THRU 1N4754A) 1N4728A 3.3 76 10 400 1.0 100 1.0 1380 276 1N4729A 3.6 69 10 400 1.0 100 1.0 1260 252 1N4730A 3.9 64 9.0 400 1.0 50 1.0 1170 234 1N4731A 4.3 58 9.0 400 1.0 10 1.0 1085 217 1N4732A 4.7 53 8.0 500 1.0 10 1.0 965 193 1N4733A 5.1 49 7.0 550 1.0 10 1.0 890 178 1N4734A 5.6 45 5.0 600 1.0 10 2.0 810 162 1N4735A 6.2 41 2.0 700 1.0 10 3.0 730 146 1N4736A 6.8 37 3.5 700 1.0 10 4.0 660 133 1N4737A 7.5 34 4.0 700 0.5 10 5.0 605 121 1N4738A 8.2 31 4.5 700 0.5 10 6.0 550 110 1N4739A 9.1 28 5.0 700 0.5 10 7.0 500 100 1N4740A 10 25 7.0 700 0.25 10 7.6 454 91 1N4741A 11 23 8.0 700 0.25 5.0 8.4 414 83 1N4742A 12 21 9.0 700 0.25 5.0 9.1 380 76 1N4743A 13 19 10 700 0.25 5.0 9.9 344 69 1N4744A 15 17 14 700 0.25 5.0 11.4 304 61 1N4745A 16 15.5 16 700 0.25 5.0 12.2 285 57 1N4746A 18 14 20 750 0.25 5.0 13.7 250 50 1N4747A 20 12.5 22 750 0.25 5.0 15.2 225 45 1N4748A 22 11.5 23 750 0.25 5.0 16.7 205 41 1N4749A 24 10.5 25 750 0.25 5.0 18.2 190 38 1N4750A 27 9.5 35 750 0.25 5.0 20.6 170 34 1N4751A 30 8.5 40 1000 0.25 5.0 22.8 150 30 1N4752A 33 7.5 45 1000 0.25 5.0 25.1 135 27 1N4753A 36 7.0 50 1000 0.25 5.0 27.4 125 25 1N4754A 39 6.5 60 1000 0.25 5.0 29.7 115 23 Nominal Zener Voltage VZ@IZT Volts Test Current IZT mA Maximum Zener Impedance ZZT@IZT ZZT@IZK Ohms Ohms IZK mA Maximum Reverse Leakage Current IR @VR uA Volts Maximum Regulator Current IZM mA Max. Surge Current IR mA 1.0 0.8 0.6 0.4 0.2 0 0 100 200 o C Valid provided that leads are kept at ambient temperature at a distance of 10mm from case Tamb Admissible power dissipation versus ambient temperature W 163 NEXT BACK EXIT NEXT BACK EXIT |
Podobny numer części - 1N4745A |
|
Podobny opis - 1N4745A |