Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD3571HFP Arkusz danych(PDF) 9 Page - Rohm

Numer części BD3571HFP
Szczegółowy opis  High Voltage LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD3571HFP Arkusz danych(HTML) 9 Page - Rohm

Back Button BD3571HFP Datasheet HTML 4Page - Rohm BD3571HFP Datasheet HTML 5Page - Rohm BD3571HFP Datasheet HTML 6Page - Rohm BD3571HFP Datasheet HTML 7Page - Rohm BD3571HFP Datasheet HTML 8Page - Rohm BD3571HFP Datasheet HTML 9Page - Rohm BD3571HFP Datasheet HTML 10Page - Rohm BD3571HFP Datasheet HTML 11Page - Rohm BD3571HFP Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Technical Note
9/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
2000pcs
TR
(
)
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
(Unit : mm)
HRP5
S
0.08 S
(MAX 9.745 include BURR)
5
4
3
2
1
1.905
±0.1
−0.05
+0.1
0.27
4.5
°
(6.5)
8.82
± 0.1
9.395
±0.125
0.73
±0.1
1.72
1.2575
−4.5°
+5.5°


Podobny numer części - BD3571HFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3571HFP ROHM-BD3571HFP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3571HFP ROHM-BD3571HFP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3571HFP ROHM-BD3571HFP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

Podobny opis - BD3571HFP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com