Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-5050-B-36-0 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-5050-B-36-0
Szczegółowy opis  BNC Male on Both Ends
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-5050-B-36-0 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-5050-B-36-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
TEL. 800-955-2629
1625 E. 31st Street
Over 95 Years Of Innovation
TEL. 216-771-5225
Cleveland, Ohio 44114
www.muellerelectric.com
FAX. 216-771-3068
• BNC Male on Both Ends
• Material: BNC Male Connector: gold-plated center contact, silver-plated
body; (MIL-C-39012); Coaxial Cable: shielded RG58C/U, MIL-C17F, 50
ohm
• **Length: -12”(.3m), 24”(.6m), 36”(.9m), 48”(1.2m), 60”(1.5m)
• Rating: Hands free testing at 500 VRMS on center conductor
• RoHS Compliant
Part Number:
BU-5050-B-**-0
Description:
BNC Male on Both Ends
3107


Podobny numer części - BU-5050-B-36-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-5070-B-12-0 ETC2-BU-5070-B-12-0 Datasheet
48Kb / 1P
   BNC Male to Stackable Double Banana Plug
BU-5070-B-24-0 ETC2-BU-5070-B-24-0 Datasheet
48Kb / 1P
   BNC Male to Stackable Double Banana Plug
BU-5070-B-24-0 ETC2-BU-5070-B-24-0 Datasheet
48Kb / 1P
   BNC Male to Stackable Double Banana Plug
BU-5070-B-36-0 ETC2-BU-5070-B-36-0 Datasheet
48Kb / 1P
   BNC Male to Stackable Double Banana Plug
BU-5070-B-48-0 ETC2-BU-5070-B-48-0 Datasheet
48Kb / 1P
   BNC Male to Stackable Double Banana Plug
More results

Podobny opis - BU-5050-B-36-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pomona Electronics
4276 POMONA-4276 Datasheet
21Kb / 1P
   BNC Male Right Angle Both Ends
logo
List of Unclassifed Man...
BU-1111-A-12-0 ETC2-BU-1111-A-12-0 Datasheet
65Kb / 1P
   Mini-plunger Clip On Both Ends
BU-3030-A-60-0 ETC2-BU-3030-A-60-0 Datasheet
64Kb / 1P
   Insulated Alligator Clip on Both Ends
BU-1010-A-12-0 ETC2-BU-1010-A-12-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
BU-1010-A-60-0 ETC2-BU-1010-A-60-0 Datasheet
65Kb / 1P
   Micro-plunger Clip On Both Ends
logo
Pomona Electronics
3602 POMONA-3602 Datasheet
26Kb / 1P
   Shielded Housing, Size ?쏡?? BNC Female Both Ends
logo
List of Unclassifed Man...
BU-6161-M-24-0 ETC2-BU-6161-M-24-0 Datasheet
65Kb / 1P
   Shrouded Banana Plug on Both Ends-Silicone
BU-3131-A-12-0 ETC2-BU-3131-A-12-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-24-0 ETC2-BU-3131-A-24-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
BU-3131-A-48-0 ETC2-BU-3131-A-48-0 Datasheet
64Kb / 1P
   Insulated Mini-Alligator Clip on Both Ends
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com