Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-5214-A-4-0 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-5214-A-4-0
Szczegółowy opis  BNC Female Breakout to Mini Micro Grabbers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-5214-A-4-0 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-5214-A-4-0 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
Mueller Electric Company
ISO 9001:2000
TEL.
TEL.
TEL.
TEL. 800
800
800
800-
-
-
-955
955
955
955-
-
-
-2629
2629
2629
2629
1625 E. 31
1625 E. 31
1625 E. 31
1625 E. 31st
st
st
st
Street
Street
Street
Street
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216
Over 95 Years Of Innovation
TEL. 216-
-
-
-771
771
771
771-
-
-
-5225
5225
5225
5225
C
C
C
Clllle
e
e
ev
vv
ve
e
e
elllla
a
a
an
n
n
nd
d
d
d,,,, O
O
O
Oh
h
h
hiiiio
o
o
o 4
4
4
44
4
4
41
1
1
11
1
1
14
4
4
4
w
w
w
ww
w
w
ww
w
w
w....m
m
m
mu
u
u
ue
e
e
elllllllle
e
e
errrre
e
e
elllle
e
e
ec
cc
cttttrrrriiiic
cc
c....c
cc
co
o
o
om
m
m
m
F
FF
FA
A
A
AX
X
X
X.... 2
2
2
21
1
1
16
6
6
6-
-
-
-7
7
7
77
7
7
71
1
1
1-
-
-
-3
3
3
30
0
0
06
6
6
68
8
8
8
• BNC Female Breakout to Mini Micro Grabbers
• MATERIAL:
BNC Female Connector: quality tarnish-resistant, plated brass
with a gold-plated brass center contact, ABS housing;
Hook-up Wire:
#20 AWG (41/36) tinned copper with 105
°C PVC insulation,
Mini-micro grabbers(BU-00208-X): abrasion resistant Nylon housing;
Spring: Stainless steel
Contact: gold-plated beryllium copper
• Rating: Hands free testing at 300 VRMS on center conductor, 5 Amps
• RoHS Compliant
Part Number:
BU-5214-A-4-0(RS# 1759343)
Description:
BNC Female Breakout to Mini
0914
Micro Grabbers


Podobny numer części - BU-5214-A-4-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-5200-A-4-0 ETC2-BU-5200-A-4-0 Datasheet
86Kb / 1P
   BNC Female Breakout to Tinned End Wires
BU-5220-A-4-0 ETC2-BU-5220-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Single Banana Plug
BU-5231-A-4-0 ETC2-BU-5231-A-4-0 Datasheet
113Kb / 1P
   BNC Female Breakout Insulated Mini-Alligator Clips
BU-5231-A-4-2 ETC2-BU-5231-A-4-2 Datasheet
113Kb / 1P
   BNC Female Breakout Insulated Mini-Alligator Clips
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Pin Plug
More results

Podobny opis - BU-5214-A-4-0

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-5114-A-4-0 ETC2-BU-5114-A-4-0 Datasheet
89Kb / 1P
   BNC Male Breakout to Mini Micro Clip
BU-5231-A-4-0 ETC2-BU-5231-A-4-0 Datasheet
113Kb / 1P
   BNC Female Breakout Insulated Mini-Alligator Clips
logo
Pasternack Enterprises,...
PE9911 PASTERNACK-PE9911 Datasheet
108Kb / 1P
   BREAKOUT, BNC FEMALE TO STACKING TIP PLUGS
logo
List of Unclassifed Man...
BU-5200-A-4-0 ETC2-BU-5200-A-4-0 Datasheet
86Kb / 1P
   BNC Female Breakout to Tinned End Wires
BU-5244-A-4-0 ETC2-BU-5244-A-4-0 Datasheet
87Kb / 1P
   BNC Female Breakout to Stackable Pin Plug
BU-P4969 ETC2-BU-P4969 Datasheet
154Kb / 1P
   BNC (Female) Breakout to 20 Awg Leads
logo
Pasternack Enterprises,...
PE9909 PASTERNACK-PE9909 Datasheet
109Kb / 1P
   BREAKOUT, BNC FEMALE TO STADARD ALLIGATOR CLIPS
PE9910 PASTERNACK-PE9910 Datasheet
109Kb / 1P
   BREAKOUT, BNC FEMALE TO MINIATURE ALLIGATOR CLIPS
logo
Pomona Electronics
3788 POMONA-3788 Datasheet
30Kb / 1P
   BNC Female to Minigrabber Test Clip Breakout
2630 POMONA-2630 Datasheet
24Kb / 1P
   Breakout: BNC (Female) To Alligator Test Clips
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com