Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU-P2249-C-36 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części BU-P2249-C-36
Szczegółowy opis  Test Lead, BNC with Strain Relief on Each End, RG-58C/U
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

BU-P2249-C-36 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-P2249-C-36 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
BU-P2249-C-XX
(Test Lead, BNC with Strain Relief on Each End, RG-58C/U)
Materials:
 Cable:
Cable is RG 58C/U, complies to Mil-M17/155-00001
Jacket is non-contaminating PVC
Center conductor is 20 AWG (19x33) tinned copper
Shield is tinned copper braid (95% coverage)
 Male BNC: Body is tarnish resistant nickel plated brass
Center Contact is Gold plated brass
Insulator is PTFE
 Strain Relief is Molded PVC that is bonded to the BNC.
Ratings:
Impedance: 50 Ohms
Capacitance per foot: 30.8 pf
Power Loss/100 Ft. @ 1 MHz: .40 dB
Hands free testing to 500 VRMS
Operating Temperature: -40⁰C to 85⁰C
Ordering: The “XX” in the part number represents the length in Inches.
Standard lengths: 6”, 12”, 24”, 36”, 48”, 60”, 72”, 120”, 144” 180”, 240”, 300”, and 600”
RoHS Compliant, CE Compliant


Podobny numer części - BU-P2249-C-36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-P2240-0 ETC2-BU-P2240-0 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
BU-P2240-2 ETC2-BU-P2240-2 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
BU-P2240-4 ETC2-BU-P2240-4 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
BU-P2240-5 ETC2-BU-P2240-5 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
BU-P2240-6 ETC2-BU-P2240-6 Datasheet
650Kb / 1P
   ALLIGATOR CLIPS AND INSULATORS
More results

Podobny opis - BU-P2249-C-36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BU-P5697-6 ETC2-BU-P5697-6 Datasheet
238Kb / 1P
   Test Lead, Male BNC on Each End
BU-P3791 ETC2-BU-P3791 Datasheet
232Kb / 1P
   MALE BNC CONNECTOR FOR RG-58/U WITH STRAIN RELIEF
logo
General Cable Technolog...
C1155 GENERAL-C1155 Datasheet
31Kb / 1P
   RG 58C/U TYPE COAXIAL CABLE
logo
Pomona Electronics
2249 POMONA-2249 Datasheet
264Kb / 2P
   Cable Assembly with BNC Male on Each End
4777 POMONA-4777 Datasheet
35Kb / 1P
   BNC (Male) With Strain Relief To Micrograbber Test Clips
5304 POMONA-5304 Datasheet
35Kb / 1P
   BNC (Male) With Strain Relief To SMD Grabber Test Clips
5423 POMONA-5423 Datasheet
27Kb / 1P
   BNC Male With Molded Strain Relief To Minipincer Test Clips
5187 POMONA-5187 Datasheet
34Kb / 1P
   BNC (Male) With Molded Strain Relief To Minigrabber Test Clips
4945 POMONA-4945 Datasheet
41Kb / 1P
   BNC (Male) With Molded Strain Relief
4277 POMONA-4277 Datasheet
19Kb / 1P
   BNC (Female) Cable With Molded Strain Relief
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com