Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF353-N Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LF353-N
Szczegółowy opis  LF353-N Wide Bandwidth Dual JFET Input Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LF353-N Arkusz danych(HTML) 4 Page - Texas Instruments

  LF353-N Datasheet HTML 1Page - Texas Instruments LF353-N Datasheet HTML 2Page - Texas Instruments LF353-N Datasheet HTML 3Page - Texas Instruments LF353-N Datasheet HTML 4Page - Texas Instruments LF353-N Datasheet HTML 5Page - Texas Instruments LF353-N Datasheet HTML 6Page - Texas Instruments LF353-N Datasheet HTML 7Page - Texas Instruments LF353-N Datasheet HTML 8Page - Texas Instruments LF353-N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LF353-N
SNOSBH3F – APRIL 1998 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
LF353-N
Symbol
Parameter
Conditions
Units
MIn
Typ
Max
VOS
Input Offset Voltage
RS=10kΩ, TA=25°C
5
10
mV
Over Temperature
13
mV
ΔVOS/ΔT
Average TC of Input Offset Voltage
RS=10 kΩ
10
μV/°C
IOS
Input Offset Current
Tj=25°C
(1) (2)
25
100
pA
Tj≤70°C
4
nA
IB
Input Bias Current
Tj=25°C
(1) (2)
50
200
pA
Tj≤70°C
8
nA
RIN
Input Resistance
Tj=25°C
1012
Ω
AVOL
Large Signal Voltage Gain
VS=±15V, TA=25°C
25
100
V/mV
VO=±10V, RL=2 kΩ
Over Temperature
15
V/mV
VO
Output Voltage Swing
VS=±15V, RL=10kΩ
±12
±13.5
V
VCM
Input Common-Mode Voltage
VS=±15V
±11
+15
V
Range
−12
V
CMRR
Common-Mode Rejection Ratio
RS≤ 10kΩ
70
100
dB
PSRR
Supply Voltage Rejection Ratio
See(3)
70
100
dB
IS
Supply Current
3.6
6.5
mA
(1)
These specifications apply for VS=±15V and 0°C≤TA≤+70°C. VOS, IBand IOS are measured at VCM=0.
(2)
The input bias currents are junction leakage currents which approximately double for every 10°C increase in the junction temperature,
Tj. Due to the limited production test time, the input bias currents measured are correlated to junction temperature. In normal operation
the junction temperature rises above the ambient temperature as a result of internal power dissipation, PD. Tj=TAjA PD where θjA is the
thermal resistance from junction to ambient. Use of a heat sink is recommended if input bias current is to be kept to a minimum.
(3)
Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with
common practice. VS = ±6V to ±15V.
AC Electrical Characteristics
(1)
LF353-N
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Amplifier to Amplifier Coupling
TA=25°C, f=1 Hz−20 kHz
−120
dB
(Input Referred)
SR
Slew Rate
VS=±15V, TA=25°C
8.0
13
V/
μs
GBW
Gain Bandwidth Product
VS=±15V, TA=25°C
2.7
4
MHz
en
Equivalent Input Noise Voltage
TA=25°C, RS=100Ω, f=1000 Hz
16
nV/
√Hz
in
Equivalent Input Noise Current
Tj=25°C, f=1000 Hz
0.01
pA/
√Hz
THD
Total Harmonic Distortion
AV=+10, RL=10k, VO=20Vp−p,
<0.02
%
BW=20 Hz-20 kHz
(1)
These specifications apply for VS=±15V and 0°C≤TA≤+70°C. VOS, IBand IOS are measured at VCM=0.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LF353-N


Podobny numer części - LF353-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
More results

Podobny opis - LF353-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
[Old version datasheet]   LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
   Wide Bandwidth Dual JFET Input Operational Amplifier
TL082 NSC-TL082 Datasheet
821Kb / 12P
   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
[Old version datasheet]   Wide Bandwidth Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL082-N TI1-TL082-N Datasheet
1Mb / 16P
[Old version datasheet]   TL082 Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
   LF351 Wide Bandwidth JFET Input Operational Amplifier
logo
Texas Instruments
LF351 TI1-LF351 Datasheet
449Kb / 14P
[Old version datasheet]   LF351 Wide Bandwidth JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com